Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 5 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 5 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dip switch Function
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
Output Voltage switch Function (S1,S2)
AC Input Current Limit Select (S4,S5,S6)
Dip Switch
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
Function
Frequency Select
DC Source on/o
Saving Function on/o
Output Voltage Select
AC Input Current Limit Select
Battery Type Select
Charger Current Select
3A / 2A
6A / 4A
9A / 6A
12A / 8A
15A / 10A
20A / 12A
25A / 14A
30A / 16A
S4
OFF
ON
OFF
ON
OFF
ON
OFF
ON
S5
OFF
OFF
ON
ON
OFF
OFF
ON
ON
S6
OFF
OFF
OFF
OFF
ON
ON
ON
ON
Output Voltage
100V / 200V
110V / 220V
115V / 230V
120V / 240V
S1
OFF
ON
OFF
ON
S2
OFF
OFF
ON
ON
Charger Current Select Function (S9,S10)
Charger Current
25%
50%
75%
100%
S9
OFF
ON
OFF
ON
S10
OFF
OFF
ON
ON
Power Saving Load Function
DC Source Output On/O Function (S11)
ESB function
OFF
ON
S11
OFF
ON
Saving Function Switch ON/OFF Function (S12)
Saving function
OFF
ON
S12
OFF
ON
Battery Type Select Function (S7,S8):
Battery Type
GEL
Flooded
AGM
Customer
S7
OFF
ON
OFF
ON
S8
OFF
OFF
ON
ON
Battery Type
GEL
Flooded
AGM
Customer
Bulk
14.40V
14.70V
14.70V
14.70V
Float
13.60V
13.40V
13.10V
13.50V
Absorption
14.10V
14.60V
14.30V
14.50V
Output Frequency switch Function (S3)
Frequency
50HZ
60HZ
S3
OFF
ON
AC Input Current
100~120V / 200~240V
Entering the saving power
Wake up the saving power
Load<32VA
Load>40VA
Default: 40VA
SC series -212, -224
Entering the saving power
Wake up the saving power
Load<16VA
Load>20VA
Default: 20VA
SC series -112, -124



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com