Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 4 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 4 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The Battery Charger
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
0oC
-0.75V
-0.625V
-0.5V
-0.25V
-0.125V
+0.125V
+0.25V
12VDC
UNITS
Temperature reading form BTS
No Change
-0.375V
-1.5V
-1.25V
-1V
-0.5V
-0.25V
+0.25V
+0.5V
no BTS connected
24VDC
UNITS
No Change
-0.75V
5oC
10oC
20oC
15oC
25oC
35oC
30oC
40oC
45oC
50oC
Temperature Compensation using BTS
Mechanical Drawings
116 [4.57]
128.5 [5.06]
7 [0.28]
200 [7.87]
453 [17.83]
11 [0.43]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com