Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 1 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 1 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
Feature:
Bi-directional All-in-One Design
Certied by UL
5-in-1 Operating Modes
Compact Size
Inverter Mode
Charger Mode
Environment
SC-2000-112
SC-2000-124
SC-2000-212
SC-2000-224
UL458 & Supplement SA / CSA C22.2 No. 107.1-01
UL1741 / CSA C22.2 No. 107.1-01 / KKK-A-1822F (For Ambulance)
1. Inverter mode 2. Charger mode 3. Power Sharing 4. Power Generation
5. Power Support
Highly Integration = Installation hassle-free
Nominal Voltage
Input Voltage Range (±0.5V)
Input Over-Voltage Protection (±0.5V)
Input Over-Voltage Warning (±0.5V)
Input Under-Voltage Protection (±0.5V)
Input Under-Voltage Warning (±0.5V)
Input Current (Max)
No Load Current
Stand-By Current
Continuous Output Power
Surge Power
Frequency
Output Voltage
Max. Eciency (Full Load)
Output Waveform
INV. AC Output*
AC Output*
Input Protection
AC Output Protection
AC Input Protection
Temperature protection
Battery Temperature protection
Input
Output
Protection
12 VDC
10.5 ~ 16.5 VDC
16.5 VDC
15.5 VDC
10.5 VDC
11.0 VDC
260 A
< 4.0 A @12.5V
< 0.4 A
2000 VA ± 3%
Load 101%~115% (1 Min) / 4000 VA (2 Sec)
50/60 Hz ± 0.3 Hz (User-selectable)
100 / 110 / 115 / 120VAC ±3%
89%
Pure Sine Wave (THD < 5% @ 12.5V/25V/115VAC, linear load) / (THD < 3% @ 12.5V/25V/230VAC, linear load)
20A MAX
30A MAX
Over / Under Voltage, Reverse Polarity (Internal Fuse)
Short-Circuit, Overload
30 Amp Circuit Breaker
Shutdown
By a RJ-11 connector to battery Temperature sensor
24 VDC
21.0 ~ 33.0 VDC
33.0 VDC
31.0 VDC
21.0 VDC
22.0 VDC
130 A
< 2.0 A @25V
< 0.2 A
90%
212 VDC
10.5 ~ 16.5 VDC
16.5 VDC
15.5 VDC
10.5 VDC
11.0 VDC
260 A
< 4.0 A @12.5V
< 0.4 A
200 / 220 / 230 / 240VAC ±3%
89%
10A MAX
26A MAX
16 Amp Circuit Breaker
24 VDC
21.0 ~ 33.0 VDC
33.0 VDC
31.0 VDC
21.0 VDC
22.0 VDC
130 A
< 2.0 A @25V
< 0.2 A
90%
Nominal Voltage / Frequency
Input Voltage Range
Input Frequency Range
Nominal Current
Eciency (Max.)
AC Input*
Power Factor Correction (PFC)
Output Voltage
Output Current
Charging Current Range
Max. Output Voltage
Battery Temperature Compensation
Battery Control (3-stage Battery Chargers)
Remote Control Panel (Optional)
Remote Control Terminal
Dry Contact Terminal
Relay Specication
AC input
Auxiliary DC Output
DC Output
Signal and Control
110 VAC, 50 / 60Hz (User-selectable)
90 ~ 132 VAC
50Hz:47 ~ 53 Hz / 60Hz:57 ~ 63 Hz
16.5A (@110VAC)
>88%
30 A MAX
>0.95 (Max.)
Battery Voltage
20A Max
25 / 50 / 75 / 100A
14.4 VDC@ GEL TYPE
-25 mV per ℃
Bulk / Absorption / Float
CR-20C / CR-16B / CR-8
Controls the inverter ON / OFF operation
By a relay
30 Amp / 120 VAC @ 110V system
Full Load
Power de-rating
Storage
Operating Temperature
Range
Operating Humidity
Range
Cooling
-20 ℃ ~ 40 ℃
60 W / ℃, 41~60 ℃
-30 ℃~70 ℃
Max 93%, Non-condensing
Temperature & Load Controlled Cooling Fan
12.5 / 25 / 37.5 / 50A
28.8 VDC @ GEL TYPE
-50 mV per ℃
230 VAC, 50 / 60Hz (User-selectable)
180 ~ 264 VAC
7.9A (@230VAC)
16 A MAX
25 / 50 / 75 / 100A
14.4 VDC @ GEL TYPE
-25 mV per ℃
16 Amp / 250 VAC @ 230V system
12.5 / 25 / 37.5 / 50A
28.8 VDC @ GEL TYPE
-50 mV per ℃


Similar Part No. - SC-2000

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SC-2000 COPAL-SC-2000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
More results

Similar Description - SC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1000 COTEK-SP-1000 Datasheet
121Kb / 2P
1000W Pure Sine Wave Inverter
20/10/21
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com