Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 2 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 2 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The Battery Charger
Safety and EMS
Other
SC-2000-112
SC-2000-124
SC-2000-212
SC-2000-224
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
BULK
ABSORPTION
FINAL
BATTERY VOLTAGE
CURRENT (I)
T
Three step charge system
Imax
<Imax
Start max bulk timer: 13.50 VDC
13.50VDC
14.40VDC
Return to bulk : 12.80VDC
BULK
ABSORPTION
FLOAT
FLOAT
BULK
repeated
every 336 hr
85m
max
30
sec
return to
bulk timer
Bulk
Float
lmax 100%
Return amps= 6% lmax
= voltage
= current
12.80VDC
Charge characteristic of the three-step Plus charging method
min. bulk timer : 2 min
Absorption
14.25VDC
max. bulk
timer : user
select
0.5 ~ 20 hr
max. absorption timer:
user select 0.5~10 hr
min. abs timer : 15 min
Active
Mode
Safety Standards
E-mark
EMC Standards
Dimension (W x H x D)
Net Weight
UL458 & Supplement SA / UL1741
---
Certied FCC Class A*
251 x 116 x 453mm
6 Kg
EN 62368-1
Certied CISPR 25; ISO7637-2
EN55032 Class A*, EN55024 Class A*
EN61000-3-2, 3-3 , EN61000-4-2, 3, 4, 5, 6, 8, 11
*Max Inverter output dene inverter 100% load output at Vac =100V / 200V
*Max AC output dene AC input current + Inverter output current, cannot over AC input limit.
*Max AC input current Limit by the Breaker
*SC series is a class A product. In a domestic environment this product may cause radio interference in which case the user may be required to take adequate measures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com