Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT5521
5521f
TYPICAL AC PERFOR A CE CHARACTERISTICS f
LO = 1001MHz, fIF = 44MHz, fRF = 1045MHz,
PLO = –5dBm, VCC = 5V, EN = 2.9V, TA = 25°C, unless otherwise noted. Test circuit shown in Figure 1 is tuned for 1.045GHz output
frequency.
Noise Figure vs LO Power
Low Side LO (LS) and High Side
LO (HS) Comparison: Noise Figure
vs RF Frequency
LO POWER (dBm)
–20
16
18
20
0
5521 G23
14
12
15
17
19
13
11
10
–15
–10
85
°C
–40
°C
25
°C
–5
5
RFOUT (MHz)
11.0
12.0
13.0
HS
LS
14.0
11.5
12.5
13.5
985
1025
1065
1105
5521 G24
1145
945
fIF = 44MHz
fLO = 1.7GHz, fIF = 250MHz, fRF = 1.95GHz, PLO = –5dBm, VCC = 3.3V, EN = 2.9V, TA = 25°C, unless otherwise noted. Test circuit
shown in Figure 1 is tuned for 1.95GHz output frequency and VCC = 3.3V.
POUT, IM3 and IM2 vs Input Power
Conversion Gain vs Input Power
Conversion Gain and IIP3
vs RF Frequency
PIN (dBm)
–14
–100
–60
–40
–20
20
–12
–4
0
5521 G25
–80
0
–6
4
6
–10 –8
–2
2
85
°C
25
°C
–40
°C
POUT
IM2
IM2
IM3
IM3
PIN (dBm)
–20
–0.5
0
0.5
–5
85
°C
5
5521 G26
–1.0
–1.5
–15
–10
010
–2.0
–2.5
25
°C
–40
°C
RFOUT (MHz)
1750
4
6
8
2050
5521 G27
2
0
1850
1950
1800
2100
1900
2000
2150
–2
–4
10
21
23
25
19
17
15
13
27
GC
IIP3
85
°C
25
°C
–40
°C
RFOUT (MHz)
940
–2
–1
0
1
2
3
4
19
20
21
22
23
24
25
IIP3
GC
990
1040
LS
LS
HS
HS
1090
1140
5521 G34
fIF = 44MHz
Low Side LO (LS) and High Side
LO (HS) Comparison: Conversion
Gain and IIP3 vs RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com