Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology LT5521 Datasheet HTML 14Page - Linear Technology LT5521 Datasheet HTML 15Page - Linear Technology LT5521 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT5521
5521f
APPLICATIO S I FOR ATIO
Table 6. Matching Values Using M/A-COM ETC1.6-4-2-3
Output Transformer
fOUT
L1, L2
C3
C12
∆f (10dB RL)
2.4GHz
0nH
82pF
82pF
450MHz
2.2GHz
1nH
82pF
82pF
430MHz
2.0GHz
2.7nH
82pF
82pF
400MHz
1.7GHz
4.7nH
82pF
82pF
400MHz
1.3GHz
10nH
82pF
82pF
400MHz
1.0GHz
10nH
3.9pF
1nF
500MHz
For applications with LO and output frequencies below
1GHz, the M/A-COM MABAES0054 is recommended for
the output component T2. This transformer maintains
better low frequency output symmetry. Table 7 lists com-
ponents necessary for a 750MHz output match using the
M/A-COM MABAES0054.
Table 7. Matching Values Using M/A-COM MABAES0054
Output Transformer
fOUT
L1, L2
C3
C12
∆f (10dB RL)
750MHz
33nH
82pF
1nF
500MHz
Hybrid baluns provide a low cost alternative for differen-
tial to single-ended conversion. The critical performance
parameters of conversion gain, IIP3, noise figure and LO
suppression are largely unaffected by these transform-
ers. However, their limited bandwidth and reduced sym-
metry outside the frequency of operation degrades the
suppression of higher order LO harmonics, particularly
2xLO. Murata LBD21 series hybrid balun transformers,
for example, can be used for output frequencies as low as
840MHz and as high as 2.4GHz.
Figure 10. Output Return Loss vs Frequency
FREQUENCY (GHz)
0.7
–10
–5
1GHz
5
2.2
5521 F10
–15
–20
1.2
1.7
–25
–30
0
2GHz
Johanson Technology supplies the 3700BL15B100S hy-
brid balun for use between 3.4GHz and 4GHz. With addi-
tional matching, this transformer can be used for
applications between 3.3GHz and 3.7GHz. Example LT5521
performance is shown in Figure 11.
FREQUENCY (GHz)
3.2
10
8
6
4
2
0
–2
–4
22
IIP3
NF
HS
HS
HS
GC
20
18
16
14
12
10
8
3.5
3.7
5521 F11
3.3
3.4
3.6
3.8
LS
LS
LS
TA = 25°C
fIF = 300MHz
Figure 11. LT5521 Performance for an Application Tuned to
3.5GHz with Low Side (LS) and High Side (HS) LO Injection
LO Interface
The LO input pin is internally matched to 50
Ω. It has an
internal DC bias of 960mV. External AC coupling is re-
quired. Figure 12 shows a simplified schematic of the LO
input. Overdriving the LO input will dramatically reduce
the performance of the mixer. The LO input power should
not exceed +1dBm for normal operation. Select C1 (Figure
12) only large enough to achieve the desired LO input
return loss. This reduces external low frequency signal
amplification through the LO buffer.
For applications with LO frequency in the range of 2.1GHz
to 2.4GHz, the LT5521 achieves improved distortion and
Figure 12. Simplified LO Input Circuit
15
VCC
8
Ω
C1
5521 F12
60
Ω
LT5521
LOIN
50
Ω
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com