Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT5521
5521f
TYPICAL AC PERFOR A CE CHARACTERISTICS fLO = 1.7GHz, fIF = 250MHz, fRF = 1.95GHz, PLO
= –5dBm, VCC = 3.3V, EN = 2.9V, TA = 25°C, unless otherwise noted. Test circuit shown in Figure 1 is tuned for 1.95GHz output
frequency and VCC = 3.3V.
LO-RF Leakage vs LO Frequency
LO FREQUENCY (MHz)
1500
–36
–34
1900
5521 G28
–38
–40
1600
1700
1800
1550
1650
1750
1850
–32
–37
–35
–39
–33
85
°C
25
°C
–40
°C
LO POWER (dBm)
–25
4
6
8
0
5521 G29
2
0
–15
–5
–20
5
–10
10
–2
–4
10
21
23
25
19
17
15
13
27
GC
IIP3
85
°C
25
°C
–40
°C
LO POWER (dBm)
–25
–36
–34
85
°C
–30
–10
0
5521 G30
–38
–40
–20
–15
–5
5
10
–42
–44
–32
25
°C
–40
°C
Conversion Gain and IIP3
vs LO Power
LO-RF Leakage vs LO Power
LO Leakage vs Supply Voltage
VCC (V)
3.10
–2
0
2
4
6
3.20
IIP3
NF
GC
3.30
3.40
3.50
5521 G31
8
4
12
8
16
20
24
3.15
3.25
3.35
3.45
85
°C
25
°C
–40
°C
Noise Figure vs LO Power
LO POWER (dBm)
–20
10
12
14
16
18
20
22
–15
–10
–5
0
5521 G32
5
85
°C
25
°C
–40
°C
VCC (V)
3.0
–50
–44
–38
–32
3.1
3.2
3.3
3.4
5521 G33
3.5
–40
°C
85
°C
–26
–20
–47
–41
–35
–29
–23
3.6
25
°C
Conversion Gain, IIP3 and Noise
Figure vs Supply Voltage
PI FU CTIO S
GND (Pins 1, 4, 10, 11, 13, 14, 16): Ground. These pins
are internally connected to the Exposed Pad for improved
isolation. They should be connected to RF ground on the
printed circuit board, and are not intended to replace the
primary grounding through the backside of the package.
IN+, IN– (Pins 2, 3): Differential Input Pins. Each pin
requires a resistive DC path to ground. See Applications
Information for choosing the resistor value. External match-
ing is required.
EN (Pin 5): Enable Input Pin. The enable voltage should be
at least 2.9V to turn the chip on and less than 0.2V to turn
the chip off.
VCC (Pins 6, 7, 8): Power Supply Pins. Total current draw
for these three pins is 40mA.
OUT+, OUT– (Pins 12, 9): RF Output Pins. These pins must
have a DC connection to the supply voltage (see Applica-
tions Information). These pins draw 20mA each. External
matching is required.
LO (Pin 15): Local Oscillator Input. This input is internally
DC biased to 0.96V. Input signal must be AC coupled.
Exposed Pad (Pin 17): Circuit Ground Return for the
Entire IC. For best performance, this pin must be soldered
to the printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com