Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology LT5521 Datasheet HTML 12Page - Linear Technology LT5521 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT5521
5521f
TEST CIRCUITS
Figure 1. Demonstration Board Schematic
EN
EN
VCC
VCC
VCC
GND
L0
LT5521
EXPOSED
PAD (17)
GND GND
OUT+
GND
GND
OUT–
GND
IN+
C13
Z14
IFIN
50
Ω
LOIN
50
Ω
C6
IN–
GND
12
16
15
14
13
L1
L2
VCC
C11
5521 F01
C4
C3
RFOUT
50
Ω
C12
T2
11
10
9
1
2
3
4
5
R8
R1
Z3
C2
T1
R7
Z7
OPT
Z1
OPT
67
8
C1
RF
GND
GND
DC
εr = 4.4
0.017"
0.017"
0.062"
REF
R1, R7
Z14
Z3
L1, L2
T1
T2
C1, C13
C3
C12
C2, C4, C6
C11
Z1, Z7
R8
fIF = 250MHz, fRF = 1.95GHz
fLO = 1.7GHz, VCC = 5V
110
Ω, 1%
10pF
0
Ω
2.7nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
6.8pF
82pF
82pF
1nF
1
µF
0
Ω
10k
fIF = 44MHz, fRF = 1.045GHz
fLO = 1.001GHz, VCC = 5V
110
Ω, 1%
120nH
150pF
10nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
27pF
3.9pF
1nF
1nF
1
µF
0
Ω
10k
fIF = 250MHz, fRF = 1.95GHz
fLO = 1.7GHz, VCC = 3.3V
22.6
Ω, 1%
10pF
0
Ω
2.7nH
M/A-COM MABACT00103
M/A-COM ETC1.6-4-2-3
6.8pF
82pF
82pF
1nF
1
µF
100nH
10k
Note 1: Tabulated values are used for characterization measurements.
Note 2: Components shown on the schematic are included for consistency with the demo board.
If no value is shown for the component, the site is unpopulated.
Note 3: T1 also M/A-COM ETC1-1-13 and Sprague Goodman GLSW4M202. These alternative transformers
have been measured and have similar performance.
THIS COMPONENT CAN BE REPLACED BY PCB TRACE ON FINAL APPLICATION
Table 1. Demonstration Board Bill of Materials1, 2
BLOCK DIAGRA
12
15
16
13
14
6
5
8
7
11
10
9
1
2
3
4
OUT+
OUT–
GND
5521 BD
BIAS
EN
VCC
VCC
VCC
GND
GND
17
EXPOSED
PAD
GND
GND
LO
GND
GND
IN+
IN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com