Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 5 Page - Linear Technology

  LT5521 Datasheet HTML 1Page - Linear Technology LT5521 Datasheet HTML 2Page - Linear Technology LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT5521
5521f
LO-RF Leakage vs LO Frequency
Conversion Gain, IIP3 and Noise
Figure vs Supply Voltage
Conversion Gain and IIP3
vs LO Power
LO-RF Leakage vs LO Power
LO-RF Leakage vs Supply Voltage
Noise Figure vs LO Power
TYPICAL AC PERFOR A CE CHARACTERISTICS f
LO = 1700MHz, fIF = 250MHz, fRF = 1950MHz,
PLO = –5dBm, VCC = 5V, EN = 2.9V, TA = 25°C, unless otherwise noted. Test circuit shown in Figure 1 is tuned for 1.95GHz output
frequency and VCC = 5V.
LO FREQUENCY (MHz)
1500
–48
–46
–44
–42
–40
1600
1700
85
°C
1800
1900
5521 G06
–38
–36
1550
1650
1750
1850
–40
°C
25
°C
VCC (V)
4.6
–2
0
2
4
6
4.8
5.0
5.2
5.4
5521 G07
8
10
0
5
10
15
20
25
IIP3
30
4.7
4.9
5.1
5.3
85
°C
25
°C
–40
°C
NF
GC
LO POWER (dBm)
–25
4
6
10
–10
0
5521 G08
2
0
–20
–15
–5
GC
IIP3
510
–2
–4
8
22
23
25
21
20
19
18
24
85
°C
25
°C
–40
°C
LO POWER (dBm)
–25
–50
–48
–44
–42
–40
–5
–32
5521 G09
–46
–15
–20
05
–10
10
–38
–36
–34
85
°C
25
°C
–40
°C
VCC (V)
4.7
–44
–42
–40
°C
–40
5.0
5.2
5521 G10
–46
–48
–50
4.8
4.9
5.1
–38
–36
–34
5.3
85
°C
25
°C
LO POWER (dBm)
–20
16
18
20
0
5521 G11
14
12
15
17
19
13
11
10
–15
–10
–5
5
85
°C
–40
°C
25
°C
Low Side LO (LS) and High Side
LO (HS) Comparison: Conversion
Gain and IIP3 vs RF Frequency
RFOUT (MHz)
1750
4
6
10
2050
5521 G13
2
0
1850
1950
2150
–2
–4
8
LS
20
22
HS
HS
26
18
16
14
12
24
LS
GC
IIP3
LS: R1 = R7 = 110
Ω
HS: R1 = R7 = 121
Ω
fIF = 250MHz
Low Side LO (LS) and High Side
LO (HS) Comparison: Noise Figure
vs RF Frequency
RFOUT (MHz)
1700
11.5
11.7
12.1
12.3
12.5
LS
13.5
12.9
1800
1900 1950
5521 G14
11.9
13.1
13.3
12.7
1750
1850
2000 2050 2100
HS
LS: R1 = R7 = 110
Ω
HS: R1 = R7 = 121
Ω
fIF = 250MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com