Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 1 Page - Linear Technology

  LT5521 Datasheet HTML 1Page - Linear Technology LT5521 Datasheet HTML 2Page - Linear Technology LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT5521
5521f
Very High Linearity
Active Mixer
s
Wideband Output Frequency Range to 3.7GHz
s
+24.2dBm IIP3 at 1.95GHz RF Output
s
Low LO Leakage: –42dBm
s
Integrated LO Buffer: Low LO Drive Level
s
Single-Ended LO Drive
s
Wide Single Supply Range: 3.15V to 5.25V
s
Double-Balanced Active Mixer
s
Shutdown Function
s
16-Lead (4mm
× 4mm) QFN Package
s
Cellular, W-CDMA, PHS and UMTS Infrastructure
s
Cable Downlink Infrastructure
s
Wireless Infrastructure
s
Fixed Wireless Access Equipment
s
High Linearity Mixer Applications
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
PA
2.7nH
LO INPUT
–5dBm
OUT+
GND
OUT–
VCC
VCC
VCC
EN
BIAS
IN+
110
Ω
LO
IN–
2.7nH
4:1
BPF
82pF
6.8pF
1nF
RF
OUTPUT
5V DC
5521 TA01
82pF
6.8pF
1
µF
110
Ω
10pF
1nF
IF
INPUT
1nF
BPF
1:1
Fundamental, 3rd Order
Intermodulation Distortion
vs Input Power
The LT
®5521 is a very high linearity mixer optimized for
low distortion and low LO leakage applications. The chip
includes a high speed LO buffer with single-ended input
and a double-balanced active mixer. The LT5521 requires
only –5dBm LO input power to achieve excellent distor-
tion and noise performance, while reducing external drive
circuit requirements. The LO buffer is internally 50
Ω
matched for wideband operation.
With a 250MHz input, a 1.7GHz LO and a 1.95GHz output
frequency, the mixer has a typical IIP3 of +24.2dBm,
–0.5dB conversion gain and a 12.5dB noise figure.
The LT5521 offers exceptional LO-RF isolation, greatly
reducing the need for output filtering to meet LO suppres-
sion requirements.
The device is designed to work over a supply voltage range
from 3.15V to 5.25V.
, LTC and LT are registered trademarks of Linear Technology Corporation.
PIN (dBm)
–100
–60
–20
20
–80
–40
0
–10
–6
–2
2
5521 TA02
6
–12
–14
–8
–4
0
4
PFUND
IM3
fIF = 250MHz
fLO = 1.7GHz
fRF = 1.95GHz
PLO = –5dBm
TA = 25°C


Similar Part No. - LT5521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5521 LINER-LT5521_15 Datasheet
284Kb / 16P
Very High Linearity Active Mixer
More results

Similar Description - LT5521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
List of Unclassifed Man...
STM-1116 ETC-STM-1116 Datasheet
180Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
STM-3116 ETC1-STM-3116 Datasheet
187Kb / 6P
2100 - 2500 MHz High Linearity Active Transmit Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
1800 - 2100 MHz High Linearity Active Transmit Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
1700 - 2300 MHz High Linearity Active Receive Mixer
STM-1116 SIRENZA-STM-1116 Datasheet
182Kb / 6P
800 - 1000 MHz High Linearity Active Transmit Mixer
logo
Linear Technology
LT5521 LINER-LT5521_15 Datasheet
284Kb / 16P
Very High Linearity Active Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com