Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6204IGN Datasheet HTML 6Page - Linear Technology LT6204IGN Datasheet HTML 7Page - Linear Technology LT6204IGN Datasheet HTML 8Page - Linear Technology LT6204IGN Datasheet HTML 9Page - Linear Technology LT6204IGN Datasheet HTML 10Page - Linear Technology LT6204IGN Datasheet HTML 11Page - Linear Technology LT6204IGN Datasheet HTML 12Page - Linear Technology LT6204IGN Datasheet HTML 13Page - Linear Technology LT6204IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT6202/LT6203/LT6204
10
620234fa
VOS Distribution, VCM = V+/2
VOS Distribution, VCM = V+
VOS Distribution, VCM = V–
Supply Current vs Supply Voltage
(Both Amplifiers)
Offset Voltage vs Input
Common Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
Output Saturation Voltage vs
Load Current (Output High)
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT OFFSET VOLTAGE (
µV)
–250
0
5
15
20
25
50
150
45
LT6202/03/04 G01
10
–150
–50 0
250
30
35
40
VS = 5V, 0V
S8
INPUT OFFSET VOLTAGE (
µV)
–800
0
10
30
40
50
–400
0
200
1000
LT6202/03/04 G02
20
–600
–200
400 600 800
60
VS = 5V, 0V
S8
INPUT OFFSET VOLTAGE (
µV)
–800
0
10
20
30
40
–400
0
400
800
LT6202/03/04 G03
50
60
–600
–200
200
600
VS = 5V, 0V
S8
TOTAL SUPPLY VOLTAGE (V)
06
10
LT6202/03/04 G04
24
812
14
TA = 125°C
TA = 25°C
TA = –55°C
12
10
8
6
4
2
0
INPUT COMMON MODE VOLTAGE (V)
–1
1.0
1.5
2.0
24
LT6202/03/04 G05
0.5
0
01
35
6
–0.5
–1.0
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 25°C
TA = –55°C
COMMON MODE VOLTAGE (V)
–1
–6
–4
–2
0
2
01
2
3
LT6202/03/04 G06
45
6
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V
TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
2
–20
10
25
85
LT6202/03/04 G07
–3
3
4
1
–35
–5
40
55
70
–6
VS = 5V, 0V
VCM = 5V
VCM = 0V
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
100
LT6202/03/04 G08
0.001
0.1
TA = 125°C
TA = 25°C
VS = 5V, 0V
TA = –55°C
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
100
LT6202/03/04 G09
0.001
0.1
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com