Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6204IGN Datasheet HTML 7Page - Linear Technology LT6204IGN Datasheet HTML 8Page - Linear Technology LT6204IGN Datasheet HTML 9Page - Linear Technology LT6204IGN Datasheet HTML 10Page - Linear Technology LT6204IGN Datasheet HTML 11Page - Linear Technology LT6204IGN Datasheet HTML 12Page - Linear Technology LT6204IGN Datasheet HTML 13Page - Linear Technology LT6204IGN Datasheet HTML 14Page - Linear Technology LT6204IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT6202/LT6203/LT6204
11
620234fa
Minimum Supply Voltage
Output Short-Circuit Current vs
Power Supply Voltage
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
(LT6203S8)
Total Noise vs
Total Source Resistance
Input NoiseVoltage vs Frequency
Open-Loop Gain
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
1
–10
–8
–4
–2
0
10
4
23
3.5
LT6202/03/04 G10
–6
6
8
2
1.5
2.5
4
4.5
5
TA = 125°C
TA = –55°C
TA = 25°C
POWER SUPPLY VOLTAGE (
±V)
1.5
60
3
LT6202/03/04 G11
0
–40
2
2.5
3.5
–60
–80
80
40
20
–20
4
4.5
5
TA = 125°C
TA = 125°C
TA = 25°C
TA = 25°C
TA = –55°C
SOURCING
SINKING
TA = –55°C
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
0.5
1.0
1.5
2.0
LT6202/03/04 G12
2.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
3.0
TA = 25°C
VS = 3V, 0V
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
0
1234
LT6202/03/04 G13
5
–2.5
–1.5
–0.5
0.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
TA = 25°C
VS = 5V, 0V
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
–5
3
LT6202/03/04 G14
–3
–4
–1
–2
12
4
0
5
–2.5
–1.5
–0.5
0.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
TA = 25°C
VS = ±5V
RL = 1k
RL = 100Ω
OUTPUT CURRENT (mA)
–80
–15
–10
–5
0
5
–40
0
40
80
LT6202/03/04 G15
10
15
–60
–20
20
60
VS = ±5V
TA = 25°C
TA = –55°C
TA = 125°C
TIME AFTER POWER-UP (s)
0
80
120
160
LT6202/03/04 G16
40
0
40
80
120
20
60
100
140
160
60
100
20
140
TA = 25°C
VS = ±5V
VS = ±2.5V
VS = ±1.5V
TOTAL SOURCE RESISTANCE (
Ω)
1
10
10
1k
10k
100k
LT6202/03/04 G17
0.1
100
100
VS = ±2.5V
VCM = 0V
f = 100kHz
TOTAL SPOT NOISE
AMPLIFIER SPOT
NOISE VOLTAGE
RESISTOR
SPOT
NOISE
FREQUENCY (Hz)
10
0
5
15
20
25
1k
45
LT6202/03/04 G18
10
100
100k
30
35
40
10k
TA = 25°C
VS = 5V, 0V
NPN ACTIVE
VCM = 4.5V
BOTH ACTIVE
VCM = 2.5V
PNP ACTIVE
VCM = 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com