Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LT6204IGN Datasheet HTML 16Page - Linear Technology LT6204IGN Datasheet HTML 17Page - Linear Technology LT6204IGN Datasheet HTML 18Page - Linear Technology LT6204IGN Datasheet HTML 19Page - Linear Technology LT6204IGN Datasheet HTML 20Page - Linear Technology LT6204IGN Datasheet HTML 21Page - Linear Technology LT6204IGN Datasheet HTML 22Page - Linear Technology LT6204IGN Datasheet HTML 23Page - Linear Technology LT6204IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT6202/LT6203/LT6204
24
620234fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0403 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single, Ultralow Noise 50MHz Op Amp
1.1nV/
√Hz
LT1677
Single, Low Noise Rail-to-Rail Amplifier
3V Operation, 2.5mA, 4.5nV/
√Hz, 60µV Max V0S
LT1722/LT1723/LT1724
Single/Dual/Quad Low Noise Precision Op Amps
70V/
µs Slew Rate, 400µV Max VOS, 3.8nV/√Hz, 3.7mA
LT1800/LT1801/LT1802
Single/Dual/Quad Low Power 80MHz Rail-to-Rail Op Amps
8.5nV/
√Hz, 2mA Max Supply
LT1806/LT1807
Single/Dual, Low Noise 325MHz Rail-to-Rail Amplifiers
2.5V Operation, 550
µV Max VOS, 3.5nV/√Hz
LT6200
Single Ultralow Noise Rail-to-Rail Amplifier
0.95nV/
√Hz, 165MHz Gain Bandwidth
R1
402
Ω
R2
200
Ω
R3
100
Ω
R4
402
Ω
R5
200
Ω
R6
100
Ω
0dB
6dB
12dB
0dB
6dB
12dB
1/2 LT6203
1/2 LT6203
C1
270pF
R7, 402
Ω
R9
402
Ω
RA
RB
V+
0.1
µF
R8
402
Ω
C2
22pF
V+
C3
5pF
R10, 402
Ω
VOUT
+
VOUT
–
VIN
–
VIN
+
LT6202/03/04 F07
RB
RA + RB
OUTPUT VCM =V
+
()
FREQUENCY (Hz)
50k
1M
5M
LT6202/03/04 F08
G = 6dB
G = 12dB
G = 0dB
Low Noise Differential Amplifier with Gain Adjust and Common Mode Control
Low Noise Differential Amplifier
Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com