Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6204IGN Datasheet HTML 1Page - Linear Technology LT6204IGN Datasheet HTML 2Page - Linear Technology LT6204IGN Datasheet HTML 3Page - Linear Technology LT6204IGN Datasheet HTML 4Page - Linear Technology LT6204IGN Datasheet HTML 5Page - Linear Technology LT6204IGN Datasheet HTML 6Page - Linear Technology LT6204IGN Datasheet HTML 7Page - Linear Technology LT6204IGN Datasheet HTML 8Page - Linear Technology LT6204IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT6202/LT6203/LT6204
4
620234fa
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS =5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Input Capacitance
Common Mode
1.8
pF
Differential Mode
1.5
pF
AVOL
Large Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
40
70
V/mV
VS = 5V, VO = 1V to 4V, RL = 100 to VS/2
8.0
14
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
17
40
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V
– to V+
60
83
dB
VS = 5V, VCM = 1.5V to 3.5V
80
100
dB
VS = 3V, VCM = V– to V+
56
80
dB
CMRR Match (Channel-to-Channel) (Note 6)
VS = 5V, VCM = 1.5V to 3.5V
85
120
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
60
74
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 2.5V to 10V, VCM = 0V
70
100
dB
Minimum Supply Voltage (Note 7)
2.5
V
VOL
Output Voltage Swing LOW Saturation
No Load
5
50
mV
(Note 8)
ISINK = 5mA
85
190
mV
VS = 5V, ISINK = 20mA
240
460
mV
VS = 3V, ISINK = 15mA
185
350
mV
VOH
Output Voltage Swing HIGH Saturation
No Load
25
75
mV
(Note 8)
ISOURCE = 5mA
90
210
mV
VS = 5V, ISOURCE = 20mA
325
600
mV
VS = 3V, ISOURCE = 15mA
225
410
mV
ISC
Short-Circuit Current
VS = 5V
±30
±45
mA
VS = 3V
±25
±40
mA
IS
Supply Current per Amp
VS = 5V
2.5
3.0
mA
VS = 3V
2.3
2.85
mA
GBW
Gain Bandwidth Product
Frequency = 1MHz, VS = 5V
90
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4V
17
24
V/
µs
FPBW
Full Power Bandwidth (Note 10)
VS = 5V, VOUT = 3VP-P
1.8
2.5
MHz
tS
Settling Time
0.1%, VS = 5V, VSTEP = 2V, AV = –1, RL = 1k
85
ns
The q denotes the specifications which apply over 0
°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3V, 0V;
VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
q
0.2
0.7
mV
LT6202 SOT-23
q
0.2
0.9
mV
VS = 3V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
q
0.6
1.7
mV
LT6202 SOT-23
q
0.6
1.9
mV
VS = 5V, 0V, VCM = V+ to V –
LT6203, LT6204, LT6202S8
q
0.7
2.5
mV
LT6202 SOT-23
q
0.7
2.7
mV
VS = 3V, 0V, VCM = V+ to V –
LT6203, LT6204, LT6202S8
q
1.2
4.0
mV
LT6202 SOT-23
q
1.2
4.2
mV
VOS TC
Input Offset Voltage Drift (Note 9)
VCM = Half Supply
q
3.0
9.0
µV/°C
Input Offset Voltage Match
VCM = Half Supply
q
0.15
0.9
mV
(Channel-to-Channel) (Note 6)
VCM = V– to V+
q
0.5
2.3
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com