Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6204IGN Datasheet HTML 14Page - Linear Technology LT6204IGN Datasheet HTML 15Page - Linear Technology LT6204IGN Datasheet HTML 16Page - Linear Technology LT6204IGN Datasheet HTML 17Page - Linear Technology LT6204IGN Datasheet HTML 18Page - Linear Technology LT6204IGN Datasheet HTML 19Page - Linear Technology LT6204IGN Datasheet HTML 20Page - Linear Technology LT6204IGN Datasheet HTML 21Page - Linear Technology LT6204IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT6202/LT6203/LT6204
18
620234fa
Single-Supply 16-Bit ADC Driver
Figure 5 shows the LT6203 driving an LTC1864 unipolar
16-bit A/D converter. The bottom half of the LT6203 is in
a gain-of-one configuration and buffers the 0V negative
full-scale signal VLOW into the negative input of the
LTC1864. The top half of the LT6203 is in a gain-of-ten
configuration referenced to the buffered voltage VLOW and
drives the positive input of the LTC1864. The input range
of the LTC1864 is 0V to 5V, but for best results the input
range of VIN should be from VLOW (about 0.4V) to about
0.82V. Figure 6 shows an FFT obtained with a 10.1318kHz
coherent input waveform, from 8192 samples with no
windowing or averaging. Spurious free dynamic range is
seen to be about 100dB.
TYPICAL APPLICATIO S
Although the LTC1864 has a sample rate far below the gain
bandwidth of the LT6203, using this amplifier is not
necessarily a case of overkill. The designer is reminded
that A/D converters have sample apertures that are vanish-
ingly small (ideally, infinitesimally small) and make de-
mands on the upstream circuitry far in excess of what is
implied by the innocent-looking sample rate. In addition,
when an A/D converter takes a sample, it applies a small
capacitor to its inputs with a fair amount of glitch energy
and expects the voltage on the capacitor to settle to the
true value very quickly. Finally, the LTC1864 has a 20MHz
analog input bandwidth and can be used in undersampling
applications, again requiring a source bandwidth higher
than Nyquist.
–
+
–
+
–
+
LTC1864
16-BIT
250ksps
5V
SERIAL
DATA
OUT
C1
470pF
R3
100
Ω
R4
100
Ω
R1
1k
R2
110
Ω
VIN = 0.6VDC
±200mVAC
VLOW = 0.4VDC
1/2 LT6203
1/2 LT6203
LT6202/03/04 F05
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
37.5
62.5
100
LT6202/03/04 F06
12.5 25
50
75 82.5
112.5 125
fS = 250ksps
fIN = 10.131836kHz
Figure 5. Single-Supply 16-Bit ADC Driver
Figure 6. FFT Showing 100dB SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com