Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LT6204IGN
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6204IGN Datasheet HTML 13Page - Linear Technology LT6204IGN Datasheet HTML 14Page - Linear Technology LT6204IGN Datasheet HTML 15Page - Linear Technology LT6204IGN Datasheet HTML 16Page - Linear Technology LT6204IGN Datasheet HTML 17Page - Linear Technology LT6204IGN Datasheet HTML 18Page - Linear Technology LT6204IGN Datasheet HTML 19Page - Linear Technology LT6204IGN Datasheet HTML 20Page - Linear Technology LT6204IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT6202/LT6203/LT6204
17
620234fa
Low Noise, Low Power 1M
Ω AC
Photodiode Transimpedance Amplifier
Figure 3 shows the LT6202 applied as a transimpedance
amplifier (TIA). The LT6202 forces the BF862 ultralow-
noise JFET source to 0V, with R3 ensuring that the JFET
has an IDRAIN of 1mA. The JFET acts as a source follower,
buffering the input of the LT6202 and making it suitable for
the high impedance feedback elements R1 and R2. The
BF862 has a minimum IDSS of 10mA and a pinchoff voltage
between –0.3V and –1.2V. The JFET gate and the LT6202
Figure 3. Low Noise, Low Power 1M
Ω
AC Photodiode Transimpedance Amplifier
Figure 4. Precision Low Noise, Low Power Transimpedance Amplifier
output therefore sit at a point slightly higher than one
pinchoff voltage below ground (typically about –0.6V).
When the photodiode is illuminated, the current must
come from the LT6202’s output through R1 and R2, as in
a normal TIA. Amplifier input noise density and gain-
bandwidth product were measured at 2.4nV/Hz and
100MHz, respectively. Note that because the JFET has a
high gm, approximately 1/80Ω, its attenuation looking into
R3 is only about 2%. Gain-bandwidth product was mea-
sured at 100MHz and the closed-loop bandwidth using a
3pF photodiode was approximately 1.4MHz.
Precision Low Noise, Low Power, 1M
Ω
Photodiode Transimpedance Amplifier
Figure 4 shows the LT6202 applied as a transimpedance
amplifier (TIA), very similar to that shown in Figure 3. In
this case, however, the JFET is not allowed to dictate the
DC-bias conditions. Rather than being grounded, the
LT6202’s noninverting input is driven by the LTC2050 to
the exact state necessary for zero JFET gate voltage. The
noise performance is nearly identical to that of the circuit
in Figure 3, with the additional benefit of excellent DC
performance. Input offset was measured at under 200
µV
and output noise was within 2mVP-P over a 20MHz
bandwidth.
VBIAS
–
PHILIPS
BF862
R1
499k
R2
499k
C1
1pF
VS
–
VS
+
VOUT
VS = ±5V
LT6202
R3
4.99k
LT6202/03/04 F03
VBIAS
–
PHILIPS
BF862
R1
499k
R2
499k
C1
1pF
VS
–
VS
+
VOUT
VS = ±5V
R3
4.99k
C2
0.1
µF
LTC2050HV
R4
10M
R5
10k
C3
1
µF
LT6202/03/04 F04
LT6202
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com