Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 20Page - Omron Electronics LLC NA-RTSM Datasheet HTML 21Page - Omron Electronics LLC NA-RTSM Datasheet HTML 22Page - Omron Electronics LLC NA-RTSM Datasheet HTML 23Page - Omron Electronics LLC NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC NA-RTSM Datasheet HTML 26Page - Omron Electronics LLC NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Programmable Terminal
NA series
Bringing technology to life
The NA-series Programmable Terminal transforms machine data
into information, shows information and controls devices based on
requirements at FA manufacturing sites.
The NA Series, together with the NJ/NX/NY-series Controller and
the Automation Software Sysmac Studio, allows you to simply and
flexibly create sophisticated user interfaces to suit your machines.
Features
• Widescreen in all models: 7, 9, 12, and 15 inches
• More than 16 million color display for all models and 1280 x 800 high resolution display for the 12 and 15-inch models
• Multimedia including video and PDF *1
• 2 Ethernet ports capable of simultaneous access from both the control device and maintenance segments by separating the segments
• Sysmac Studio providing an Integrated Development Environment
NJ/NX/NY variables sharing in the NA project and NA application testing with the NJ/NX/NY program via the Simulator to reduce development
time
• Many security features including operation authority settings and execution restrictions with IDs
• Microsoft Visual Basic for versatile, flexible and advanced programming
• Software providing NA5-equivalent functionality on a PC or panel PC
*1. Version 1.5 or higher of pdf file is not supported.
9 inch wide
15.4 inch wide
7 inch wide
12.1 inch wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com