Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC NA-RTSM Datasheet HTML 26Page - Omron Electronics LLC NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC NA-RTSM Datasheet HTML 29Page - Omron Electronics LLC NA-RTSM Datasheet HTML 30Page - Omron Electronics LLC NA-RTSM Datasheet HTML 31Page - Omron Electronics LLC NA-RTSM Datasheet HTML 32Page - Omron Electronics LLC NA-RTSM Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
NA series
29
General Specifications
*1. The ambient operating temperature is subject to the following restrictions,
depending on the mounting angle.
• The ambient operating temperature is 0° to 40°C when the mounting angle is
0° or more and less than 45° to the horizontal.
• The ambient operating temperature is 0° to 50°C when the mounting angle is
45° or more and 90° or less to the horizontal.
• The ambient operating temperature is 0° to 50°C when the mounting angle is
90° or more and 135° or less to the horizontal.
*2. Use the Programmable Terminal within the following temperature
and humidity ranges.
*3. Store the Programmable Terminal within the following temperature
and humidity ranges.
*4. When the NA-@WATW01 High-pressure Waterproof Attachment is used, the panel thickness is between 1.6 to 4.5 mm.
*5. Check with your OMRON representative or refer to the following OMRON website for the latest information on the applicable standards for
each model: www.ia.omron.com.
*6. Use power supply Class 2 to conform to UL Standards.
*7. Use the NA-@WATW01 High-pressure Waterproof Attachment (sold separately) to conform to UL Type 4X.
Note: 1. For information on the product whose model number does not end with -V1, refer to the Programmable Terminal NA Series Datasheet
(Cat. No. V413).
Item
Specification
NA5-15W
NA5-12W
NA5-9W
NA5-7W
Rated supply voltage
24 VDC
Allowable power supply voltage
range
19.2 to 28.8 VDC (24 VDC
±20%)
Allowable momentary power
interruption time
Operation for momentary power interruption is not specified.
Power consumption
29 W max.
25 W max.
23 W max.
19 W max.
Ambient operating temperature
0 to 50
°C *1 *2
Ambient storage temperature
−20 to +60°C *3
Ambient operating humidity
10 to 90%
*2
Must be no condensation.
Atmosphere
Must be free from corrosive gases.
Pollution degree
2 or less: Meets IEC 61010-2-201.
Noise immunity
2 kV on power supply line (Conforms to IEC 61000-4-4.)
Vibration resistance
(during operation)
Conforms to IEC 60068-2-6.
5 to 8.4 Hz with 3.5 mm half amplitude and 8.4 to 150 Hz with 9.8 m/s2 for 100 minutes each in X,Y, and Z directions
(Time coefficient of 10 minutes × coefficient factor of 10 = total time of 100 min.)
Shock resistance
(during operation)
Conforms to IEC 60028-2-27.
147 m/s2 3 times each in X, Y, and Z directions
Dimensions
420 × 291 × 69 mm (W × H × D)
340 × 244 × 69 mm (W × H × D)
290 × 190 × 69 mm (W × H × D)
236 × 165 × 69 mm (W × H × D)
Panel cutout dimensions
392
× 268
mm
(horizontal × vertical)
Panel thickness:
1.6 to 6.0 mm
*4
310
× 221
mm
(horizontal × vertical)
Panel thickness:
1.6 to 6.0 mm
*4
261
× 166
mm
(horizontal × vertical)
Panel thickness:
1.6 to 6.0 mm
*4
197
× 141
mm
(horizontal × vertical)
Panel thickness:
1.6 to 6.0 mm
*4
Weight
3.2 kg max.
2.4 kg max.
1.8 kg max.
1.4 kg max.
Degree of protection
Front-panel controls: IP65 oil-proof type, UL Type 4X (at initial state)
To reinstall the NA Unit in a panel, contact your OMRON representative for replacement of the rubber packing.
Battery life
Battery life: 5 years at 25
°C
The RTC will be backed up for 5 days after the battery runs low. The RTC will be backed up by a super capacitor for 5 minutes
after removing the old battery.
(This assumes that the power is first turned ON for at least 5 minutes and then turned OFF.)
International standards
*5
UL61010-2-201/CSA C22.2 NO.61010-2-201:14
*6
EMC Directive (2004/108/EC) EN 61131-2:2007
Shipbuilding standards LR, DNV, and NK
IP65 oil-proof, UL Type 4X
*7(front panel only)
UL 121201, 9th Edition/CSA C22.2 NO.213-2017
EAC IEC61131-2:2007
KC Standards KN61131-2 2018
RCM EN61000-6-4:2007+A1:2011
+1
0
+1
0
+1
0
+1
0
+1
0
+1
0
+0.5
0
+0.5
0
50
°C
50
°C
40
°C
40
°C
50
°C
90
° to 135°
45
° to 90°
0
° to 45°
50
°C
50
°C
Temperature [
°C]
0
10
20
30
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
Operating
temperature-
humidity range
Temperature [
°C]
0
10
20
30
40
50
60
70
80
90
100
-20 -10
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
80
90
100
Storage
temperature-
humidity range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com