Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC NA-RTSM Datasheet HTML 29Page - Omron Electronics LLC NA-RTSM Datasheet HTML 30Page - Omron Electronics LLC NA-RTSM Datasheet HTML 31Page - Omron Electronics LLC NA-RTSM Datasheet HTML 32Page - Omron Electronics LLC NA-RTSM Datasheet HTML 33Page - Omron Electronics LLC NA-RTSM Datasheet HTML 34Page - Omron Electronics LLC NA-RTSM Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
NA series
31
*1. The serial port is for future expansion.
Note: 1. For information on the product whose model number does not end with -V1, refer to the Programmable Terminal NA Series Datasheet
(Cat. No. V413).
Supported Devices
No.
Name
Description
(a)
Battery cover
Open this cover to replace the Battery.
(b)
ID information label
You can check the ID information of the NA Unit.
(c)
SD Memory Card connector
Insert an SD Memory Card here.
(d)
Protective ground terminal
Use for protective grounding.
(e)
Ethernet port 1
Connect a device other than the Sysmac Studio.
Ethernet port 2
Connect mainly the Sysmac Studio.
(f)
Serial port
*1
For future expansion.
(g)
USB host port
Connect this port to a USB Memory Device, keyboard, mouse, etc.
(h)
USB slave port
Connect the Sysmac Studio or other devices.
(i)
Reset switch
Use this switch to reset the NA Unit.
(j)
DC input terminals
These are the power supply terminals. Connect the accessory power supply connector and supply power.
(k)
Battery connector
Connect the connector on the backup Battery here.
(l)
DIP switch
Used for system recovery. (The DIP switch is on a PCB that is accessed by opening the Battery cover.)
In other cases, do not change any of the factory settings of the pins on the DIP switch.
(m)
Battery
This is the battery to backup the clock information in the NA Unit.
Manufacturer
Models
Connection method
Communications driver
OMRON
CK3E-1
@10
CK3M-CPU1
@1
Built-in Ethernet port
Modbus/TCP
NX701-
@@@@
NY512-
@@@@
NX102-
@@@@
NY532-
@@@@
NX1P2-
@@@@
NJ501-
@@@@
NX-CSG320
NJ301-
@@@@
NJ101-
@@@@
Built-in EtherNet/IP port
Ethernet
CJ2H-CPU64/65/66/67/68-EIP
CJ2M-CPU31/32/33/34/35
Built-in EtherNet/IP port
CIP Ethernet
CJ2H-CPU64/65/66/67/68-EIP
CJ2M-CPU31/32/33/34/35
CJ1W-EIP21
CJ2H-CPU64/65/66/67/68-EIP
CJ2M-CPU31/32/33/34/35
Built-in EtherNet/IP port
FINS Ethernet
CJ1H-CPU65H/66H/67H
CJ1H-CPU65H/66H/67H-R
CJ1G-CPU42H/43H/44H/45H
CJ1M-CPU11/12/13/21/22/23
CJ2H-CPU64/65/66/67/68(-EIP)
CJ2M-CPU11/12/13/14/15
CJ2M-CPU31/32/33/34/35
CJ1W-ETN21
CJ1W-EIP21
12
(b) ID information label
(a) Battery cover
Back Panel
Bottm Panel
(c) SD Memory
Card connector
(j) DC input
terminals
(d) Protective ground connector
(e) Ethernet ports
(i) Reset switch
(f) Serial port (for future expansion)
(g) USB host port
(h) USB slave port
(k) Battery connector
(m) Battery
(l) DIP switch
(Appearance
with the Battery Cover Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com