Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 23Page - Omron Electronics LLC NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC NA-RTSM Datasheet HTML 26Page - Omron Electronics LLC NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC NA-RTSM Datasheet HTML 29Page - Omron Electronics LLC NA-RTSM Datasheet HTML 30Page - Omron Electronics LLC NA-RTSM Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
NA series
27
Automation Software
Note: 1. Site licenses are available for users who will run Sysmac Studio on multiple computers. Ask your OMRON sales representative for details.
*1. Model "SYSMAC-SE200D-64" runs on Windows 10 (64 bit).
USB Cable
Recommended Network Devices
Industrial Switching Hubs
Recommended Ethernet Communications Cables
Use STP (shielded twisted-pair) cable of category 5 or higher
Note: 1. We recommend you to use above cable and RJ45 Connectors together.
Product name
Specifications
Number of
licenses
Media
Model
Sysmac Studio
Standard Edition
Ver.1.
@@
The Sysmac Studio is the software that provides an integrated
environment for setting, programming, debugging and maintenance of
machine automation controllers including the NJ/NX Series, EtherCAT
Slave, and the HMI.
Sysmac Studio runs on the following OS.
Windows XP (Service Pack 3 or higher, 32-bit version) /
Windows Vista (32-bit version) / Windows 7 (32-bit/64-bit version) /
Windows 8 (32-bit/64-bit version) / Windows 8.1 (32-bit/64-bit version) /
Windows 10 (32-bit/64-bit version)
*1
− (Media only)
Sysmac Studio
(32-bit)
DVD
SYSMAC-SE200D
− (Media only)
Sysmac Studio
(64-bit)
DVD
SYSMAC-SE200D-64
1 license
−
SYSMAC-SE201L
3 licenses
SYSMAC-SE203L
10 licenses
SYSMAC-SE210L
30 licenses
SYSMAC-SE230L
50 licenses
SYSMAC-SE250L
Product name
Specifications
USB Cable
Use commercially available USB cable.
Specifications: USB 2.0 cable (A connector - B connector), 5.0 m max.
Product name
Functions
No. of ports
Accessories
Current
consumption (A)
Model
Industrial Switching
Hubs
Quality of Service (QoS):
EtherNet/IP control data priority
10/100BASE-TX, Auto-Negotiation
5
Power supply connector
0.07
W4S1-05D
Product name
Recommended manufacturer
Model
Wire Gauge and Number of Pairs:
AWG24, 4-pair Cable
Cables
Hitachi Metals, Ltd
NETSTAR-C5E SAB 0.5 × 4P CP
Kuramo Electric Co.
KETH-SB
SWCC Showa Cable Systems Co.
FAE-5004
RJ45 Connectors
Panduit Corporation
MPS588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com