Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 22Page - Omron Electronics LLC NA-RTSM Datasheet HTML 23Page - Omron Electronics LLC NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC NA-RTSM Datasheet HTML 26Page - Omron Electronics LLC NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC NA-RTSM Datasheet HTML 29Page - Omron Electronics LLC NA-RTSM Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
NA series
26
Ordering Information
NA5-
@W
Options
Soft-NA
System Requirements
*1. Since one port is for project transfer, it is not required unless the corresponding path is used.
Product name
Specifications
Model
*1
NA5-15W
15.4 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 1280 × 800 dots, Frame color : Silver
NA5-15W101S-V1
15.4 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 1280 × 800 dots, Frame color : Black
NA5-15W101B-V1
NA5-12W
12.1 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 1280 × 800 dots, Frame color : Silver
NA5-12W101S-V1
12.1 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 1280 × 800 dots, Frame color : Black
NA5-12W101B-V1
NA5-9W
9 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 800 × 480 dots, Frame color : Silver
NA5-9W001S-V1
9 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 800 × 480 dots, Frame color : Black
NA5-9W001B-V1
NA5-7W
7 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 800 × 480 dots, Frame color : Silver
NA5-7W001S-V1
7 inch wide screen, TFT LCD, 16,770,000 colors (24 bit full color), 800 × 480 dots, Frame color : Black
NA5-7W001B-V1
High-pressure
Waterproof
Attachment
This metal frame is for high-pressure waterproofing. Install it to conform to UL Type 4X standards.
UL Type 4X is the rating for high-pressure wash-down applications with a flow rate of 246 liter/min.
NA-15WATW01
NA-12WATW01
NA-9WATW01
NA-7WATW01
Product name
Specifications
Model
SD memory card
2 GB
HMC-SD291
4 GB
HMC-SD491
USB Memory
2 GB
FZ-MEM2G
8 GB
FZ-MEM8G
Replacement Battery
Battery life: 5 years (at 25°C). This Battery is provided as an accessory.
CJ1W-BAT01
Anti-reflection Sheets
For the NA5-15W. Attach a Sheet to the screen to protect against diffused reflections and dirt.
The entire Sheet is colorless and transparent. Five Sheets are provided in one set.
NA-15WKBA04
For the NA5-12W. Attach a Sheet to the screen to protect against diffused reflections and dirt.
The entire Sheet is colorless and transparent. Five Sheets are provided in one set.
NA-12WKBA04
For the NA5-9W. Attach a Sheet to the screen to protect against diffused reflections and dirt.
The entire Sheet is colorless and transparent. Five Sheets are provided in one set.
NA-9WKBA04
For the NA5-7W. Attach a Sheet to the screen to protect against diffused reflections and dirt.
The entire Sheet is colorless and transparent. Five Sheets are provided in one set.
NA-7WKBA04
Product name
Specifications
Number of
licenses
Media
Model
Soft-NA
The Soft-NA is software that displays information on FA manufacturing sites
while providing safety, reliability, and maintainability as an industrial display on
which operations can be performed as necessary.
The Soft-NA runs on the following OS:
Windows 10 Pro Version 1903 or later 64 bit
- (Media only)
DVD
NA-RTSM
1 license
USB dongle
NA-RTLD01
3 licenses
NA-RTLD03
10 licenses
NA-RTLD10
Item
Requirement
OS
Windows 10 Pro Version 1903 or later 64 bit
Processor
Intel Atom® x5-E3940 equivalent or higher
processor
RAM
4 GB or more
Free space in the hard
drive necessary for
installation
1 GB or more
Optical disk drive
DVD-ROM drive
Communication
port
USB
USB2.0 Type-A x 2
*1
LAN
Ethernet x 2
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com