Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NA-RTSM Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # NA-RTSM
Description  Machine Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NA-RTSM Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button NA-RTSM Datasheet HTML 24Page - Omron Electronics LLC NA-RTSM Datasheet HTML 25Page - Omron Electronics LLC NA-RTSM Datasheet HTML 26Page - Omron Electronics LLC NA-RTSM Datasheet HTML 27Page - Omron Electronics LLC NA-RTSM Datasheet HTML 28Page - Omron Electronics LLC NA-RTSM Datasheet HTML 29Page - Omron Electronics LLC NA-RTSM Datasheet HTML 30Page - Omron Electronics LLC NA-RTSM Datasheet HTML 31Page - Omron Electronics LLC NA-RTSM Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
NA series
28
Performance Specifications
Display
*1. There may be some defective pixels in the display. This is not a
fault as long as the numbers of defective light and dark pixels fall
within the following standard ranges.
*2. The backlight can be replaced at an OMRON maintenance base.
*3. This is the estimated time before brightness is reduced by half at
room temperature and humidity. The life expectancy is drastically
shortened if Programmable Terminal is used at high
temperatures.
*4. The brightness of the front panel indicators is also adjustable
when you adjust the brightness of the backlight.
Operation
*1. Each function key has blue indicator. The brightness of the function key indicators is also adjustable when you adjust the brightness of the backlight.
Data Capacity
External Interfaces
*1. Connection to all USB 2.0-compliant devices is not guaranteed.
*2. Use a USB memory for temporary applications such as transferring data.
*3. The serial port is for future expansion.
Note: 1. For information on the product whose model number does not end with -V1, refer to the Programmable Terminal NA Series Datasheet
(Cat. No. V413).
Item
Specification
NA5-15W
NA5-12W
NA5-9W
NA5-7W
Display panel
*1
Display device
TFT LCD
Screen size
15.4 inches
12.1 inches
9.0 inches
7.0 inches
Resolution
1,280 × 800 dots (horizontal × vertical)
800 × 480 dots (horizontal × vertical)
Colors
16,770,000 colors (24 bit full colors)
Effective display area
331 × 207 mm
(horizontal × vertical)
261 × 163 mm
(horizontal × vertical)
197 × 118 mm
(horizontal × vertical)
152 × 91 mm
(horizontal × vertical)
View angles
Left: 60
°, Right: 60°, Top: 60°, Bottom: 60°
Backlight
*2
Life
50,000 hours min.
*3
Brightness adjustment
200 levels
Type
LED
Front panel indicators
*4 RUN
Lit green: Normal operation
Lit red: Error
Model
Standard range
NA5-15W
-V1
NA5-12W
-V1
NA5-9W
-V1
NA5-7W
-V1
Number of light and dark pixels: 10
or less. (There must not be 3
consecutive light/dark pixels.)
Item
Specification
NA5-15W
NA5-12W
NA5-9W
NA5-7W
Touch panel
Method: Analog resistive membrane type
Resolution: 16,384 × 16,384
Life: 1,000,000 operations
Function keys
*1
3 inputs (capacitance inputs)
Item
Specification
NA5-15W
NA5-12W
NA5-9W
NA5-7W
User data capacity
256 MB
Item
Specifications (Same for all models.)
Ethernet ports
Applications
Port 1: Connecting to anything other than the Sysmac Studio, e.g., device connections and VNC clients
Port 2: Connecting to the Sysmac Studio in addition to the applications of port 1.
Number of ports
2 ports
Compliant standards
IEEE 802.3i (10BASE-T), IEEE 802.3u (100BASE-TX), and IEEE 802.3ab (1000Base-T)
Transmission media
Shielded twisted-pair (STP) cable: Category 5, 5e, or higher
Transmission distance
100 m
Connector
RJ-45 8P8C modular connector
USB host ports
*1 *2
Applications
USB Memory Device, keyboard, or mouse
Number of ports
2 ports
Compliant standards
USB 2.0
Transmission distance
5 m max.
Connector
Type-A connector
USB slave port
*1
Applications
Sysmac Studio connection
Number of ports
1 port
Compliant standards
USB 2.0
Transmission distance
5 m max.
Connector
Type-B connector
Serial port
*3
Applications
Device Connection
Number of ports
1 port
Compliant standards
RS-232C
Transmission distance
15 m max.
Connector
D-DUB 9-pin female connector
SD Memory Card slot
Applications
To transfer or store the project or to store log data.
Number of slots
1 slot
Compliant standards
SD/SDHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com