Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 29 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 29 Page - SPANSION

Back Button S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION S29CD032J Datasheet HTML 28Page - SPANSION S29CD032J Datasheet HTML 29Page - SPANSION S29CD032J Datasheet HTML 30Page - SPANSION S29CD032J Datasheet HTML 31Page - SPANSION S29CD032J Datasheet HTML 32Page - SPANSION S29CD032J Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
27
Da ta
Shee t
(Prelim i nar y )
margin. Section 20.1, Command Definitions on page 69 shows the address and data requirements for the
program command sequence.
Note the following:
When the Embedded Program algorithm is complete, the device returns to the read mode and address are
no longer latched. An address change is required to begin reading valid array data.
The system can determine the status of the program operation by using DQ7, DQ6 or RY/BY#. Refer to
Section 8.8, Write Operation Status on page 31 for information on these status bits.
A “0” cannot be programmed back to a “1.” Attempting to do so may halt the operation and set DQ5 to 1, or
cause the Data# Polling algorithm to indicate the operation was successful. . A succeeding read shows that
the data is still “0.” Only erase operations can convert a “0” to a “1.”
Any commands written to the device during the Embedded Program Algorithm are ignored except the
Program Suspend command.
A hardware reset immediately terminates the program operation; the program command sequence should
be re-initiated once the device has returned to the read mode, to ensure data integrity.
Figure 8.5 Program Operation
Note
See Table 19.1 and Table 20.2 for program command sequence.
8.7.2
Sector Erase
The sector erase function erases one or more sectors in the memory array. (See Table 20.1, Memory Array
Command Definitions (x32 Mode), on page 69 and Figure 8.6, Erase Operation, on page 29.) The device
does not require the system to preprogram prior to erase. The Embedded Erase algorithm automatically
programs and verifies the entire memory for an all-zero data pattern prior to electrical erase. After a
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com