Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 74 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 74 Page - SPANSION

Back Button S29CD032J Datasheet HTML 68Page - SPANSION S29CD032J Datasheet HTML 69Page - SPANSION S29CD032J Datasheet HTML 70Page - SPANSION S29CD032J Datasheet HTML 71Page - SPANSION S29CD032J Datasheet HTML 72Page - SPANSION S29CD032J Datasheet HTML 73Page - SPANSION S29CD032J Datasheet HTML 74Page - SPANSION S29CD032J Datasheet HTML 75Page - SPANSION S29CD032J Datasheet HTML 76Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
72
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
Input/Output Descriptions and Logic
Symbols
Changed RY/BY# description.
Physical Dimensions/Connection
Diagrams
Changed note on connection diagrams.
Additional Resources
Updated contact information.
Hardware Reset (RESET#)
Added section.
Autoselect
Updated third and fourth paragraphs in section. Updated Autoselect Codes table.
Erase Suspend / Erase Resume
Commands
Modified second paragraph. Replaced allowable operations table with bulleted list.
Program Suspend / Program Resume
Commands
Replaced allowable operations table with bulleted list.
Reset Command
Added section.
Secured Silicon Sector Flash Memory
Region
Modified Secured Silicon Sector Addresses table.
Absolute Maximum Ratings
Modified VCC and VIO ratings. Modified Note 1.
Operating Ranges
Modified specification titles and descriptions (no specification value changes).
DC Characteristics, CMOS Compatible
table
Modified ICCB specification. Deleted Note 5. Added Note 3 references to table.
Burst Mode Read for 32 Mb and 16 Mb
table
Modified tADVCS, tCLKH, tCLKL, tAAVS specifications. Added tRSTZ, tWAVDH1, and tWAVDH2
specifications. Added Notes 2 and 3, and note references to table.
Synchronous Command Write/Read
Timing figure
Added tWAVDH1 and tWAVDH2 to figure. Deleted tACS and tACH from figure.
Hardware Reset (RESET#)
Added table to section.
Erase/Program Operations table
Added note references. Deleted tOEP specification.
Erase and Programming Performance
Changed Double Word Program Time specification.
Common Flash Memory Interface (CFI)
CFI System Interface String table: Changed description and data for addresses 1Bh and 1Ch.
Device Geometry Definition table: Changed description and data for address 27h.
Revision B1 (September 27, 2006)
Distinctive Characteristics
Changed cycling endurance specification to typical.
Performance Characteristics
Changed tBACC specifications for 66 MHz, 56 MHz, 40 MHz speed options.
Ordering Information
Added quantities to packing type descriptions, restructured table for easier reference.
S29CD-J & S29CL-J Flash Family
Autoselect Codes (High Voltage
Method)
In table, modified description of read cycle 3 DQ7–DQ0.
DQ6 and DQ2 Indications
In table, corrected third column heading
Section 8.9, Reset Command
Added table.
Section 13.1, Absolute Maximum
Ratings
Deleted OE# from section.
Table 18.3, Burst Mode Read for 32 Mb
and 16 Mb
In table, changed tADVCS, tBDH specifications. Modified description for tIACC. Deleted minimum
specifications for tAAVH.
Burst Mode Read (x32 Mode)
In figure, modified period for tIACC in drawing.
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com