Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 38 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 38 Page - SPANSION

Back Button S29CD032J Datasheet HTML 34Page - SPANSION S29CD032J Datasheet HTML 35Page - SPANSION S29CD032J Datasheet HTML 36Page - SPANSION S29CD032J Datasheet HTML 37Page - SPANSION S29CD032J Datasheet HTML 38Page - SPANSION S29CD032J Datasheet HTML 39Page - SPANSION S29CD032J Datasheet HTML 40Page - SPANSION S29CD032J Datasheet HTML 41Page - SPANSION S29CD032J Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
36
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
are selected for erasure, the entire time-out also applies after each additional sector erase command. When
the time-out period is complete, DQ3 switches from a “0” to a “1.” If the time between additional sector erase
commands from the system can be assumed to be less than 50 µs, the system need not monitor DQ3. See
Section 8.7.2, Sector Erase on page 27 for more details.
After the sector erase command is written, the system reads the status of DQ7 (Data# Polling) or DQ6
(Toggle Bit I) to ensure that the device has accepted the command sequence, then reads DQ3. If DQ3 is “1,”
the Embedded Erase algorithm has begun; all further commands (except Erase Suspend) are ignored until
the erase operation is complete. If DQ3 is “0,” the device accepts additional sector erase commands.
To ensure the command has been accepted, the system software check the status of DQ3 prior to and
following each sub-sequent sector erase command. If DQ3 is high on the second status check, the last
command might not have been accepted. Table 8.9 shows the status of DQ3 relative to the other status bits.
8.8.7
RY/BY#: Ready/Busy#
The device provides a RY/BY# open drain output pin as a way to indicate to the host system that the
Embedded Algorithms are either in progress or have been completed. If the output of RY/BY# is low, the
device is busy with either a program, erase, or reset operation. If the output is floating, the device is ready to
accept any read/write or erase operation. When the RY/BY# pin is low, the device will not accept any
additional program or erase commands with the exception of the Erase suspend command. If the device has
entered Erase Suspend mode, the RY/BY# output is floating. For programming, the RY/BY# is valid (RY/BY#
= 0) after the rising edge of the fourth WE# pulse in the four write pulse sequence. For chip erase, the RY/
BY# is valid after the rising edge of the sixth WE# pulse in the six write pulse sequence. For sector erase, the
RY/BY# is also valid after the rising edge of the sixth WE# pulse.
If RESET# is asserted during a program or erase operation, the RY/BY# pin remains a 0 (busy) until the
internal reset operation is complete, which requires a time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is
asserted when a program or erase operation is not executing (RY/BY# pin is floating), the reset operation is
completed in a time of tREADY (not during Embedded Algorithms). The system can read data tRH after the
RESET# pin returns to VIH.
Since the RY/BY# pin is an open-drain output, several RY/BY# pins can be tied together in parallel with a pull-
up resistor to VCC. An external pull-up resistor is required to take RY/BY# to a VIH level since the output is an
open drain.
Table 8.9 shows the outputs for RY/BY#, DQ7, DQ6, DQ5, DQ3 and DQ2. Figure 18.2, Figure 18.6, Figure
18.8 and Figure 18.9 show RY/BY# for read, reset, program, and erase operations, respectively.
Notes
1. DQ5 switches to 1 when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See
Section 8.8.5, DQ5: Exceeded Timing Limits on page 35 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. See Section 8.8.1, DQ7: Data# Polling on page 31 and
Section 8.8.3, DQ2: Toggle Bit II on page 33 for further details.
Table 8.9 Write Operation Status
Operation
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com