Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 23 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 23 Page - SPANSION

Back Button S29CD032J Datasheet HTML 19Page - SPANSION S29CD032J Datasheet HTML 20Page - SPANSION S29CD032J Datasheet HTML 21Page - SPANSION S29CD032J Datasheet HTML 22Page - SPANSION S29CD032J Datasheet HTML 23Page - SPANSION S29CD032J Datasheet HTML 24Page - SPANSION S29CD032J Datasheet HTML 25Page - SPANSION S29CD032J Datasheet HTML 26Page - SPANSION S29CD032J Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
21
Da ta
Shee t
(Prelim i nar y )
banks was in the middle of either a program or erase operation when RESET# was asserted, the user must
wait a period of tREADY before accessing that bank.
Asserting RESET# during a program or erase operation leaves erroneous data stored in the address
locations being operated on at the time of device reset. These locations need updating after the reset
operation is complete. See Section 18.4 for timing specifications.
Asserting RESET# active during VCC and VIO power-up is required to guarantee proper device initialization
until VCC and VIO have reached their steady state voltages. See Section 18.1.
8.4
Synchronous (Burst) Read Mode & Configuration Register
When a series of adjacent addresses need to be read from the device, the synchronous (or burst read) mode
can be used to significantly reduce the overall time needed for the device to output array data. After an initial
access time required for the data from the first address location, subsequent data is output synchronized to a
clock input provided by the system.
The device offers a linear method of burst read operation which is discussed in Section 8.4.1, 2-, 4-, 8-
Double Word Linear Burst Operation on page 22.
Since the device defaults to asynchronous read mode after power-up or a hardware reset, the configuration
register must be set in order to enable the burst read mode. Other Configuration Register settings include the
number of wait states to insert before the initial word (tIACC) of each burst access and when RDY indicates
that data is ready to be read. Prior to entering the burst mode, the system first determines the configuration
register settings (and read the current register settings if desired via the Read Configuration Register
command sequence), then write the configuration register command sequence. See Section 8.4.3,
Configuration Register on page 24, and Table 20.1, Memory Array Command Definitions (x32 Mode)
on page 69 for further details. Once the configuration register is written to enable burst mode operation, all
subsequent reads from the array are returned using the burst mode protocols.
Figure 8.2 Synchronous/Asynchronous State Diagram
The device outputs the initial word subject to the following operational conditions:
tIACC specification: The time from the rising edge of the first clock cycle after addresses are latched to valid
data on the device outputs.
Configuration register setting CR13-CR10: The total number of clock cycles (wait states) that occur before
valid data appears on the device outputs. The effect is that tIACC is lengthened.
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(D15 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(D15 = 1)?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com