Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 61 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 61 Page - SPANSION

Back Button S29CD032J Datasheet HTML 57Page - SPANSION S29CD032J Datasheet HTML 58Page - SPANSION S29CD032J Datasheet HTML 59Page - SPANSION S29CD032J Datasheet HTML 60Page - SPANSION S29CD032J Datasheet HTML 61Page - SPANSION S29CD032J Datasheet HTML 62Page - SPANSION S29CD032J Datasheet HTML 63Page - SPANSION S29CD032J Datasheet HTML 64Page - SPANSION S29CD032J Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
59
Da ta
Shee t
(Prelim i nar y )
Figure 18.9 Chip/Sector Erase Operation Timings
Note
SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status” ).
Figure 18.10 Back-to-back Cycle Timings
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)Read Status Data
RY/BY#
tRB
tBUSY
OE#
CE#
WE#
Addresses
tOH
Data
Valid
In
Valid
In
Valid PA
Valid RA
tWC
tWPH
tAH
tWP
tDS
tDH
tRC
tCE
Valid
Out
tOE
tACC
tOEH
tGHWL
tDF
Valid
In
CE# Controlled Write Cycles
WE# Controlled Write Cycle
Valid PA
Valid PA
tCP
tCPH
tWC
tWC
Read Cycle
tSR/W
tWPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com