Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032J Datasheet(PDF) 33 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 33 Page - SPANSION

Back Button S29CD032J Datasheet HTML 29Page - SPANSION S29CD032J Datasheet HTML 30Page - SPANSION S29CD032J Datasheet HTML 31Page - SPANSION S29CD032J Datasheet HTML 32Page - SPANSION S29CD032J Datasheet HTML 33Page - SPANSION S29CD032J Datasheet HTML 34Page - SPANSION S29CD032J Datasheet HTML 35Page - SPANSION S29CD032J Datasheet HTML 36Page - SPANSION S29CD032J Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
31
Da ta
Shee t
(Prelim i nar y )
During the unlock bypass mode only the Read, Unlock Bypass Program and Unlock Bypass Reset
commands are valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass
reset command sequence, which returns the device to read mode.
Notes
1. The Unlock Bypass Command is ignored if the Secured Silicon sector is enabled.
2. Unlike the standard program or erase commands, there is no Unlock Bypass Program/Erase
Suspend or Program/Erase Resume command.
8.7.8
Simultaneous Read/Write
The simultaneous read/write feature allows the host system to read data from one bank of memory while
programming or erasing in another bank of memory.
The Simultaneous Read/Write feature can be used to perform the following:
Programming in one bank, while reading in the other bank
Erasing in one bank, while reading in the other bank
Programming a PPB, while reading data from the large bank or status from the small bank
Erasing a PBB, while reading data from the large bank or status from the small bank
Any of the above situations while in the Secured Silicon Sector Mode
The Simultaneous R/W feature can not be performed during the following modes:
CFI Mode
Password Program operation
Password Verify operation
As an alternative to using the Simultaneous Read/Write feature, the user may also suspend an erase or
program operation to read in another location within the same bank (except for the sector being erased).
8.8
Write Operation Status
The device provides several bits to determine the status of a program or erase operation. The following
subsections describe the function of DQ7, DQ6, DQ2, DQ5, DQ3, and RY/BY#.
8.8.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase algorithm
is in progress or completed, or whether a bank is in Erase Suspend. Data# Polling is valid after the rising
edge of the final WE# pulse in the command sequence. Note that Data# Polling returns invalid data for the
address being programmed or erased.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system
must provide the program address to read valid status information on DQ7.
If a program address falls within a protected sector, Data# polling on DQ7 is active for approximately 1 µs,
then that bank returns to the read mode without programming the sector. If an erase address falls within a
protected sector, Toggle BIT (DQ6) is active for 150 s, then the device returns to the read mode without
erasing the sector. Please note that Data# polling (DQ7) may give misleading status when an attempt is
made to program or erase a protected sector.
During the Embedded Erase Algorithm, Data# polling produces a “0” on DQ7. When the Embedded Erase
algorithm is complete Data# Polling produces a “1” on DQ7. The system must provide an address within any
of the sectors selected for erasure to read valid status information on DQ7.
In asynchronous mode, just prior to the completion of an Embedded Program or Erase operation, DQ7 may
change asynchronously with DQ6-DQ0 while Output Enable (OE#) is asserted low. That is, the device may
change from providing status information to valid data on DQ7. Depending on when the system samples the
DQ7 output, it may read the status or valid data. Even if the device has completed the program or erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com