Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
| 04/2023
V4 - 83170
› High precision flexible leaf snap-action mechanism
› Operation without balance-point, even at extremely slow actuating speed
› Ratings from 1 mA4 Vc up to 12(6)A250 Va and 1/4 hp 125-250 Va
› ENEC and cURus approved up to +150 °C
› Housing material complying with IEC 60335-1 for unattended appliances:
GWFI 850° C / GWIT 775° C
› Mechanical life up to 30 million cycles
› High resistance to shock and vibration
› Choice of connections with symmetric and asymmetric pinning
› Wide choice of actuators on 2 possible fixing positions
(pre-assembled or retrofittable)
Standard
831700
Low force
831704
Dual-current
831708
Dual-current
Low force
831709
Function
Connections
Actuators
I (changeover)
W2 (solder)
No
83170002
83170402
83170802
83170902
I (changeover)
W7A5 (QC 2.8x0.5)
No
83170005
83170405
83170805
83170905
I (changeover)
X1 (PCB, straight)
No
83170008
83170408
83170808
83170908
I (changeover)
X1S (PCB, straight, sym)
No
83170009
83170409
83170809
83170909
I (changeover)
X2 (PCB, rear)
No
83170010
83170410
83170810
83170910
I (changeover)
X2S (PCB, rear, sym)
No
83170011
83170411
83170811
83170911
I (changeover)
X3 (PCB, front)
No
83170012
83170412
83170812
83170912
I (changeover)
X3S (PCB, front, sym)
No
83170013
83170413
83170813
83170913
R (normally closed)
W2 (solder)
No
83170003
83170403
83170803
83170903
R (normally closed)
W7A5 (QC 2.8x0.5)
No
83170006
83170406
83170806
83170906
C (normally open)
W2 (solder)
No
83170004
83170404
83170804
83170904
C (normally open)
W7A5 (QC 2.8x0.5)
No
83170007
83170407
83170807
83170907
Configurations with actuators
Yes
See page 5
See page 5
See page 5
See page 5
Electrical characteristics
Rating nominal / 250 V AC (A)
10
5
5**
5**
Rating thermal / 250 V AC (A)
12.5
6
6
6
Rating ENEC/UL/ 250 V AC (A)
10(2) - 3(3) - 10 GP
5(1) - 5 GP
5(1) - 1 GP
5(1) - 1 GP
Mechanical characteristics
Maximum operating force (N)
1.5
0.6
1.5
0.6
Min. Release force (N)
0.3
0.1
0.3
0.1
Maximum total travel force (N)
1.8
1
1.8
1
Max. allowable overtravel force (N)
10
10
10
10
Rest position max. (mm)
9.2
9.2
9.2
9.2
Operating position (mm)
8.4±0.3
8.4±0.3
8.4±0.3
8.4±0.3
Maximum differential travel (mm)
0.15
0.15
0.15
0.15
Min. overtravel (mm)
0.5
0.5
0.5
0.5
Ambient operating temperature (°C)
-40 ➞ +125
-40 ➞ +125
-40 ➞ +125
-40 ➞ +125
Mechanical life (operations)
107
3.107
107
3.107
Contact gap (mm)
0.35
0.35
0.35
0.35
Weight (g)
1.7
1.7
1.7
1.7
- Case: PA66 GF (UL 94-V0 / GWFI 960 °C / GWIT 775 °C)
- Button: PA66 GF
- Moving blade: beryllium copper
- Contacts: silver alloy, micro-profile
gold alloy on silver alloy, crossbar (dual-current)
- Terminals: tinned brass (except W7A5: brass)
- Levers: stainless steel or plastic, polyamide roller
- Degree of protection: IP40 (mechanism)
- Proof tracking index: PTI 400
- Protection against electric shock: button and actuators have reinforced
insulation for Ui 250 V / Uimp 2,5kV / pollution 2
- Recommended min actuating speed: 0.001 mm/s
- Conformity / Certifications:
› Special actuators: stainless steel or plastic, special shapes and lengths, stainless steel roller, ...
› Special connections: angled, screw, double tabs, ...
› Special fastening pins
› High operating temperature: +150 °C
› 12(6)A250 Vac ENEC and cURus approved version (831700 SP9765)
›AgSnO2 contacts for very high inrush currents (lamp and capacitor loads)
› Increased or reduced differential travel (SP4982: max 0.08 mm)
› Specific operating force up to 2.2 N
› Telescopic plunger with 3 mm overtravel and adjustable fixing by threaded barrel
› NC contacts with forced break action to prevent contact welding in case of accidental overcurrents
Main specifications
Product adaptations
Standard product
Product made to order
Contact us
SUBMINIATURE MICROSWITCHES - PREMIUM
Additional specifications
| MICROSWITCHES
| 1
| CROUZET.COM


Similar Part No. - 83170410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8317 ETC2-8317 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8317 ETC2-8317 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8317 ETC2-8317 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8317 ETC2-8317 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8317 ETC2-8317 Datasheet
114Kb / 2P
LED SPACER MOUNTS
More results

Similar Description - 83170410

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
D2151-A FUJITSU-D2151-A Datasheet
503Kb / 2P
Premium Mainboard
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
6L6WGB ETC2-6L6WGB Datasheet
304Kb / 6P
PREMIUM TUBE
logo
EPCOS
B25667C2457A375 EPCOS-B25667C2457A375 Datasheet
132Kb / 10P
PhaseCap Premium capacitors
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSM405 CAMDENBOSS-CSM405 Datasheet
910Kb / 1P
V4 type sub miniature microswitches 5A
CSMU01 CAMDENBOSS-CSMU01 Datasheet
435Kb / 1P
Ultra miniature microswitches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com