Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
| 04/2023
Examples of special adaptations
Angled W7A5 terminals
Two-pole assembly with
single actuator
Double lateral 2.8 x 0.5
quick-connect terminals
Fastening pins for 2.8 max
thickness and Ø 4mm holes
(79253576)
Top mounted bracket and
screw terminals
PCB assembly with terminal
block
Telescopic plunger with
3 mm overtravel and with
M6 x 0.75 threaded barrel
Special buttons:
see “V4 Mushroom-head button
- 83170 BC”
Installation recommendations
How to order
See “Basic technical concepts”
Use the 8 digit part numbers when they are defined
Other cases, precise: Type of microswitch - Function - Connection - Actuator* - Fixing position* - Mounting accessories* - Adaptation*
* if needed
Example: 831708 I X2 170A R24 B 79219682
Actuators
170A R18.3
170A R24
170E R20
170F R19.5
Folded R16,5
Plastic
79253327
79253326
79218454
79253329
79250004
79257876
Pos A
Pos B
Pos A
Pos B
Pos A
Pos B
Pos A
Pos B
Pos A
Pos B
Pos A
831700
I W2
83170162 83170185 83170182
●
●
●
●
83170028 83170032
83170176
I W7A5
83170197 83170037
●
●
●
●
●
83170046 83170183
●
●
I X1
●
●
●
●
83170121 83170049 83171014 83170184
●
●
●
I X1S
●
●
●
●
●
●
●
●
●
●
●
I X2
●
83170160
●
●
●
●
83170038
●
83170035
●
●
I X3
●
83170161
●
●
●
●
83170039
●
83170036
●
●
831704
I W2
83170437 83170439 83170440 83170441 83170434 83170442 83170443 83170444
●
●
●
I W7A5
83170445 83170446 83170447 83170448 83170449 83170450 83170451 83170433
●
●
●
I X1
83170464 83170465 83170466 83170467 83170468 83170469 83170470 83170471
●
●
●
I X1S
●
●
●
●
83170435
●
●
●
●
●
●
I X2
●
●
●
●
●
●
●
●
83170427
●
●
I X3
●
●
●
●
●
●
●
●
83170428
●
●
831708
I W2
83170848
●
83170832
●
83170865
●
●
●
83170833
●
83170864
I W7A5
●
83170849 83170869
●
●
●
●
●
●
●
●
I X1
●
●
●
●
●
●
83170850 83170851
●
●
●
I X1S
●
●
●
●
●
●
●
●
●
●
●
I X2
●
●
●
●
●
●
●
●
●
●
●
I X3
●
●
●
●
●
●
●
●
●
●
●
831709
I W2
83170930 83170931 83170932 83170933 83170934 83170935 83170936 83170937
●
●
●
I W7A5
83170938 83170939 83170929 83170940 83170941 83170942 83170943 83170944
●
●
●
I X1
83170928 83170945 83170946 83170947 83170948 83170949 83170950 83170951
●
●
●
I X1S
83170926 83170927
●
●
●
●
●
●
●
●
●
I X2
●
●
●
●
●
●
●
●
●
●
●
I X3
●
●
●
●
●
●
●
●
●
●
●
V4 - 83170 microswitches with referenced actuators
Standard product
Product made to order
Contact us
Warning:
The product information contained in this catalogue is given purely as information and does not constitute a representation, warrantly or any form of contractual commitment. Crouzet and its subsidiaries reserve the right to modify their
products without notice. It is imperative that we should be consulted over any particular use or application of our products and it is the responsability of the buyer to establish, particularly through all the appropriate tests, that the product
is suitable for the use or application. Under no circumstances will our warranty apply, nor shall we be held responsible for any application (such as any modification, addition, deletion, use in conjunction with other electrical or electronic
components, circuits or assemblies, or any other unsuitable material or substance) which has not been expressly agreed by us prior to the sale of our products.
| MICROSWITCHES
| 5
| CROUZET.COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com