Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
| 04/2023
X2 - X2S for PCB, rear output
X3 - X3S for PCB, front output
Drilling
Printed circuit board mounting
Asymmetrical X1 - X2 - X3
Printed circuit board mounting
Symmetrical X1S - X2S - X3S
1
2
3
1
2
3
B
1.C
C
4.NO
D
2.NC
B
1.C
C
4.NO
D
2.NC
Mounting on a printed circuit board
with holding pins
Asymmetrical X2 - X3
Mounting on a printed circuit board
with holding pins
Symmetrical X2S - X3S
Mounting accessories
Locating pins 79219682
Locating pins 79219682
1
0
- 0,1
Ø2,6
1
0
- 0,1
Ø2,6
B
X2 - X2S connections
B
X3 - X3S connections
Examples of special adaptations
Angled W7A5 terminals
Button head with
cylindrical radius -
4 mm width
Button head with
cylindrical radius -
5.5 mm width
Fastening pins for 2.8 max
thickness and Ø 4mm holes
(79253576)
Installation recommendations
How to order
See “Basic technical concepts”
Use the 8 digit part numbers when they are defined
Other cases, precise: Type of microswitch - Function - Connection - Mounting accessories* - Adaptation*
* if needed
Example: 831700 BC I X3 79219682
PCB assembly with terminal block
Warning:
The product information contained in this catalogue is given purely as information and does not constitute a representation, warrantly or any form of contractual commitment. Crouzet and its subsidiaries reserve the right to modify their
products without notice. It is imperative that we should be consulted over any particular use or application of our products and it is the responsability of the buyer to establish, particularly through all the appropriate tests, that the product
is suitable for the use or application. Under no circumstances will our warranty apply, nor shall we be held responsible for any application (such as any modification, addition, deletion, use in conjunction with other electrical or electronic
components, circuits or assemblies, or any other unsuitable material or substance) which has not been expressly agreed by us prior to the sale of our products.
1.6
1.6
| MICROSWITCHES
| 8
| CROUZET.COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com