Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
| 04/2023
Actuators
170A flat
170E roller
170F dummy roller
1
Ø4.75
R
R
B Operating position
170D adjustable
170EL transverse roller
79250004 folded
R
Ø5x2,6
R
60°
79257876 plastic
R
Other shapes and dimensions:
consult us
Except where otherwise indicated, levers are supplied unmounted. For factory mounting, specify fixing position A or B.
Actuators and mounting accessories
Actuators
Fixing positions
Coefficient
Operating position (mm)
Actuators
Fixing positions
Coefficient
Operating position (mm)
Flat 170A
R18.3
Flat 170A
R24
Flat 170A
R41
Roller 170E
R20
Dummy roller 170F
R19,5
Adjustable 170D
R26,5
Transverse roller 170EL
R18
A
B
3
1.5
10 ±1
9.4 ±0.6
Part numbers for standard
actuators
A
B
4
2
10.8 ±1.4
9.8 ±0.8
A
B
7
3,5
12.1 ±2.6
10.5 ±1.5
A
B
3
1.5
14.7 ±1.3
14.2 ±0.8
A
B
3
1.5
12.6 ±1.2
11.9 ±0.7
79253327
79253326
79253328
79552663
79253329
A
B
4
2
13.6-18.6 ±1.8 12.5-17.5 ±1.1
A
B
3
1.5
16.3 ±1.2
15.6 ±0.8
79218491
79218493
Part numbers for standard
actuators
Folded
R16,5
Plastic (PARA GF50)
R20,5
A
B
2.5
1.2
15 ±1
13.9 ±0.6
A
B
3
-
10.6 ±1.1
-
79250004
79257876
| MICROSWITCHES
| 4
| CROUZET.COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com