Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
| 04/2023
Single break snap-action switch
Changeover - SPDT (form C)
Normally closed - SPST-NC (form B)
Normally open - SPST-NO (form A)
Operating curve for type
831700 BC
Operating curve for type
831704 BC
Operating curve for types
831708 BC/831709 BC
2
1
0,10,2 0,55 810
104
105
106
107
1
4
5
3
{~
cos M = 0,8
L
R = 5 ms
2
250V~
10
0,10,2
0,51 25
5
106
107
3.107
250V~
4
5
1
3
{~
cos M = 0,8
L
R = 5 ms
2
10
0,10,2
0,51 25
5
106
107
3.107
250V~
12V
1
3
4
2
B
Number of cycles
B
Number of cycles
B
Number of cycles
C
Resistive circuit
C
Resistive circuit
C
Resistive circuit
D
Inductive circuit
D
Inductive circuit
D
Mechanical life limit
E
Mechanical life limit
E
Mechanical life limit
E
Current in Amps
F
Current in Amps
F
Current in Amps
**Models 831708 BC and 831709 BC are designed to operate equally well on low-current (1 mA 4 V minimum recommended) or medium-current
(5 A maximum) circuits. However, a given product should only be used to switch one type of circuit during its working life.
Products
83170 BC
Asymmetrical version
83170 BC
Symmetrical version (X.S connections)
1
Recommendations for lateral approach
B
Total travel position: max 9.1
Fixing with M2 screws
Recommended tightening torque: 0.2 N.m
In order to reduce friction and wear, the actuating ramp shall preferably be of POM, PA, PBT
or steel, and also be as smooth as possible.
As a general rule, the use of any lubricant substance is not needed nor recommended.
For particular cases, please consult us.
Connections
W2 solder
W7A5 quick-connect 2.8 x 0.5
X1 - X1S for PCB, straight output
1,2 ±0,1
Principles
Curves
Dimensions
| MICROSWITCHES
| 7
| CROUZET.COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com