Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83170410 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 83170410
Description  SUBMINIATURE MICROSWITCHES - PREMIUM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

83170410 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  83170410 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 3Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 4Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 5Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 6Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 7Page - List of Unclassifed Manufacturers 83170410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
| 04/2023
V4 Mushroom-head button - 83170 BC
› High precision flexible leaf snap-action mechanism
› Suitable for lateral approach from any direction with angle up to 45°
› Operation without balance-point, even at extremely slow actuating speed
› Ratings from 1 mA4 Vc up to 12(6)A250 Va and 1/4 hp 125-250 Va
› ENEC and cURus approved up to +150 °C
› Housing material complying with IEC 60335-1 for unattended appliances:
GWFI 850° C / GWIT 775° C
› Mechanical life 1 million cycles
› High resistance to shock and vibration
› Choice of connections with symmetric and asymmetric pinning
Standard
831700 BC
Low force
831704 BC
Dual-current
831708 BC
Dual-current
Low force
831709 BC
Function
Connections
I (changeover)
W2 (solder)
83170107
83170473
l
83170965
I (changeover)
W7A5 (QC 2.8x0.5)
l
83170474
l
83170964
I (changeover)
X1 (PCB, straight)
83171006
l
83170840
83170971
I (changeover)
X1S (PCB, straight, sym)
l
83170481
l
l
I (changeover)
X2 (PCB, rear)
l
l
83170836
83170919
I (changeover)
X2S (PCB, rear, sym)
l
83170438
l
l
I (changeover)
X3 (PCB, front)
l
l
l
l
I (changeover)
X3S (PCB, front, sym)
l
83170486
83170874
l
R (normally closed)
W2 (solder)
l
83170495
l
l
R (normally closed)
W7A5 (QC 2.8x0.5)
l
l
l
l
C (normally open)
W2 (solder)
l
l
l
l
C (normally open)
W7A5 (QC 2.8x0.5)
83170114
83170475
l
l
Electrical characteristics
Rating nominal / 250 V AC (A)
10
5
5**
5**
Rating thermal / 250 V AC (A)
12.5
6
6
6
Rating ENEC/UL/ 250 V AC (A)
10(2) - 3(3) - 10 GP
5(1) - 5 GP
5(1) - 1 GP
5(1) - 1 GP
Mechanical characteristics
Maximum operating force (N)
1.5
0.6
1.5
0.6
Min. Release force (N)
0.3
0.1
0.3
0.1
Maximum total travel force (N)
1.8
1
1.8
1
Max. allowable overtravel force (N)
10
10
10
10
Rest position max. (mm)
10.8
10.8
10.8
10.8
Operating position (mm)
9.9±0.3
9.9±0.3
9.9±0.3
9.9±0.3
Maximum differential travel (mm)
0.15
0.15
0.15
0.15
Min. overtravel (mm)
0.5
0.5
0.5
0.5
Ambient operating temperature (°C)
-40 +125
-40 +125
-40 +125
-40 +125
Mechanical life at 45° (operations)
106
106
106
106
Contact gap (mm)
0.35
0.35
0.35
0.35
Weight (g)
1.7
1.7
1.7
1.7
- Case: PA66 GF (UL 94-V0 / GWFI 960 °C / GWIT 775 °C)
- Button: PA66 GF
- Moving blade: beryllium copper
- Contacts: silver alloy, micro-profile
gold alloy on silver alloy, crossbar (dual-current)
- Terminals: tinned brass (except W7A5: brass)
- Degree of protection: IP40 (mechanism)
- Proof tracking index: PTI 400
- Protection against electric shock: button has reinforced insulation for
Ui 250V / Uimp 2,5kV / pollution 2
- Recommended min actuating speed: 0.001 mm/s
- Conformity / Certifications:
› Special buttons: cylindrical radius, specific width and height
› Special connections: angled, screw, double tabs ...
› Special fastening pins
› High operating temperature: +150 °C
› 12A250 Va version
›AgSnO2 contacts for very high inrush currents (lamp and capacitor loads)
› Increased or reduced differential travel (eg: max. 0.08 mm)
› Specific operating force up to 2.2 N
Main specifications
Additional specifications
Product adaptations
SUBMINIATURE MICROSWITCHES - PREMIUM
Standard product
Product made to order
Contact us
| MICROSWITCHES
| 6
| CROUZET.COM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com