Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR1021 Datasheet(PDF) 40 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 40 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 36Page - Sumida Corporation SCR1021 Datasheet HTML 37Page - Sumida Corporation SCR1021 Datasheet HTML 38Page - Sumida Corporation SCR1021 Datasheet HTML 39Page - Sumida Corporation SCR1021 Datasheet HTML 40Page - Sumida Corporation SCR1021 Datasheet HTML 41Page - Sumida Corporation SCR1021 Datasheet HTML 42Page - Sumida Corporation SCR1021 Datasheet HTML 43Page - Sumida Corporation SCR1021 Datasheet HTML 44Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 156 page
background image
40
0.6
3.7
Max. 2.5
Max. 4.7
4.8
CLQ4D18
Application
1. Digital still camera
2. Digital video camera
3. LCD TV
: Max. 500
µH
: Max. 1MHz
: 100mW (300kHz), 175mW (500kHz), 350mW (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
Application
1. Digital still camera
2. Digital video camera
3. Portable equipment
: Max. 500
µH
: Max. 1MHz
: 120mW (300kHz), 200mW (500kHz), 410mW (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLQ4D22
DC-DC Converter Transformers
SMD type & Multiple Output Transformers
OUTLINE
SMD type & multiple output Transformers
Application
1. Digital still camera
2. Digital video camera
3. LCD TV
: Max. 500
µH
: Max. 1MHz
: 160mW (300kHz), 270mW (500kHz), 540mW (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLQ4D27
Application
1. LCD TV
2. Digital camera
3. Portable equipment
: Max. 500
µH
: Max. 1MHz
: 130mW (300kHz), 220mW (500kHz), 440mW (1MHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
CLQ5D16
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
* In order to prevent short-circuiting, a solder resist is recommended.
* ショート防止の為、
ソルダレジスト推奨
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
0.6
4.8
3.7
Max. 2.0
0.05
Max. 4.6
3.2
1.4
Solder Resist
3.2
1.4
Solder Resist
3.2
1.4
Solder Resist
0.6
3.7
Max. 3.0
Max. 4.7
4.8
Max. 5.6
Max. 1.8
6.0
4.3
7.3
3.6
Solder Resist
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
磁気構造図
/ 概要
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
磁気構造図
外形寸法図
推奨ランド寸法
面実装多出力トランス。
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com