Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR1021 Datasheet(PDF) 66 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 66 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 62Page - Sumida Corporation SCR1021 Datasheet HTML 63Page - Sumida Corporation SCR1021 Datasheet HTML 64Page - Sumida Corporation SCR1021 Datasheet HTML 65Page - Sumida Corporation SCR1021 Datasheet HTML 66Page - Sumida Corporation SCR1021 Datasheet HTML 67Page - Sumida Corporation SCR1021 Datasheet HTML 68Page - Sumida Corporation SCR1021 Datasheet HTML 69Page - Sumida Corporation SCR1021 Datasheet HTML 70Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 156 page
background image
66
EPCH5020/EW
Application
EEH3334/EW
DC-DC Converter Transformers < Leakage transformers for power supply >
Application
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Max. 21.0
3.5
Max. 53.0
7-6.0
Max. 34.0
Max. 3.5
Max. 31.0
(Case)
Max. 34.0
(Core)
2-5.0
2-7.5
5-5.0
1. Switching regulator
1. Switching regulator
ERH4239/EW
Application
35_0
Max. 46.5
Max. 39.0
4.3
1. Switching regulator
DIMENSIONS (mm)
CONSTRUCTION
EEH2520/EW
Application
EEH2830/EW
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Max. 26.5
19.0
Max. 20.0
4.0
Max. 30.0
4.3
Max. 32.0
22.5
1. Switching regulator
Application
1. Switching regulator
Specifications
Operating Power
Specifications
Operating Power
Specifications
Operating Power
Specifications
Operating Power
Specifications
Operating Power
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
: 100W(80kHz)
: 75W(80kHz)
: 100W(80kHz)
: 150W(80kHz)
: 150W(80kHz)
DC-DC Converter Transformers
Leakage transformers for power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com