Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR1021 Datasheet(PDF) 52 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 52 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 48Page - Sumida Corporation SCR1021 Datasheet HTML 49Page - Sumida Corporation SCR1021 Datasheet HTML 50Page - Sumida Corporation SCR1021 Datasheet HTML 51Page - Sumida Corporation SCR1021 Datasheet HTML 52Page - Sumida Corporation SCR1021 Datasheet HTML 53Page - Sumida Corporation SCR1021 Datasheet HTML 54Page - Sumida Corporation SCR1021 Datasheet HTML 55Page - Sumida Corporation SCR1021 Datasheet HTML 56Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 156 page
background image
52
: Max. 6.5mH
: Max. 300kHz
: 2.5W (100kHz), 7.6W (300kHz)
Inductance
Operating Freq
Max. Operating Power
: Max. 300kHz
: 2.0W (100kHz), 6.1W (300kHz)
Operating Freq
Max. Operating Power
Application
1. Drive for fluorescent display tube
Specifications
EER-137
: Max. 300kHz
: 3.1W (100kHz), 9.2W (300kHz)
Operating Freq
Max. Operating Power
Application
1. Portable equipment
2. Switching regulator
Specifications
EE -13
Application
1. AC adapter for cellular phone
Specifications
EEH157
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
10.0
2.5 2.5 2.5 2.5
3.5
Max. 10.0
Max. 14.0
4-2.5
3.5
Max. 13.5
Max. 14.0
12.5
3.2
Max. 8.8
Max. 15.8
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
EER1512
Application
1. DC-DC converter for automotives
: Max. 300kHz
: 17W (150kHz)
Operating Freq
Max. Operating Power
Specifications
Max. 14.95
Max. 12.0
3.2
12.2
1.1
1.3
DIMENSIONS (mm)
CONSTRUCTION
EEH116
Application
1. AC adapter for cellular phone
: Max. 5.4mH
: Max. 500kHz
: 2.5W (100kHz), 5.8W (300kHz), 8.6W (500kHz)
Inductance
Operating Freq
Max. Operating Power
Specifications
10.6
2.8
Max. 6.9
Max. 12.6
DIMENSIONS (mm)
CONSTRUCTION
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com