Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR1021 Datasheet(PDF) 74 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 74 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 70Page - Sumida Corporation SCR1021 Datasheet HTML 71Page - Sumida Corporation SCR1021 Datasheet HTML 72Page - Sumida Corporation SCR1021 Datasheet HTML 73Page - Sumida Corporation SCR1021 Datasheet HTML 74Page - Sumida Corporation SCR1021 Datasheet HTML 75Page - Sumida Corporation SCR1021 Datasheet HTML 76Page - Sumida Corporation SCR1021 Datasheet HTML 77Page - Sumida Corporation SCR1021 Datasheet HTML 78Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
74
Specifications
CPIL94
4.0W
IC-controlled type circuit
40kHz - 100kHz
1,200Vrms / 1,500Vrms (3sec)
Magnetic shield type inverter transformer, which is coped with large size LCD monitor for car navigation system.
Optimization design is possible for leakage inductance by original magnetic structure.
Features
1. Low profile (H=5.0mm Max.)
2. There is a little noise emissions by magnetic shielded structure. (our ratio)
3. This is coped with use at a high temperature. (110˚C at the maximum,
including transformer self temperature rise)
4. Insulation resistance of this product is high and it is superior to safety by
adopting high nickel core.
Application
RADIANT CHARACTERISTICS
1. Car navigation.
Type Name
Frequency Range
Max. Open Voltage
Max. Lamp Wattage
CPIL94
DIMENSIONS (mm)
LAND PATTERNS (mm)
PROVISIONAL
OUTLINE
About CPIL94
This specification might be changed without notice due to under developing and improving.
Please contact us for our mass production schedule.Thank you for your understanding.
1.80
4.80
3-1.60
7.10
Max. 10.0
2-0.60
Max. 5.0
3.00
31.00
3.00
Radiant spectrum (Frequency range : 10kHz - 500kHz)
Radiant spectrum (Frequency range : 10kHz - 5MHz)
Sumida existing type
(Non-shielded type)
CPIL94
(Shielded type)
Sumida existing type
(Non-shielded type)
CPIL94
(Shielded type)
Start 10kHz
VBW 3kHz
Stop 500kHz
Ref 0dBm
Atten 10dB
Mkr1 51.7kHz
4.701dBm
Start 10kHz
VBW 3kHz
Stop 500kHz
Ref 0dBm
Atten 10dB
Mkr1 51.6kHz
-21.33dBm
Start 10kHz
VBW 30kHz
Stop 5MHz
Ref 0dBm
Atten 10dB
Mkr1 72kHz
4.166dBm
Start 10kHz
VBW 30kHz
Stop 5MHz
Ref 0dBm
Atten 10dB
Mkr1 85kHz
-21.7dBm
Inverter Transformers < High Reliability Inverter Transformers >
/ 仕様
カーナビ用大型液晶モニタ−に対応した、閉磁型インバータトランス。
リーケージインダクタンスを独自の磁気構造により最適化設計が可能です。
/ 特徴
1. 低背です。
(H=5.0mm Max.)
2. 閉磁構造により、不要輻射が少ない。
(当社比)
3. 高温での使用に対応。
(トランス発熱を含み110˚C)
4. 高ニッケルコア材採用により、絶縁抵抗が高く安全性に優れています。
/ 用途
/ 輻射特性
1. カーナビゲーション。
型名
適応周波数
最大開放電圧
最大管電力
(他励式)
外形寸法図
推奨ランド寸法
/ 概要
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。
量産時期についてはお問合せ下さい。
当社従来タイプ(開磁型)
CPIL94(開磁型)
当社従来タイプ(開磁型)
CPIL94(開磁型)
輻射スペクトラム(周波数範囲 : 10kHz - 500kHz)
輻射スペクトラム(周波数範囲 : 10kHz - 5MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com