Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

Back Button 166364 Datasheet HTML 3Page - Eaton All Rights Reserved. 166364 Datasheet HTML 4Page - Eaton All Rights Reserved. 166364 Datasheet HTML 5Page - Eaton All Rights Reserved. 166364 Datasheet HTML 6Page - Eaton All Rights Reserved. 166364 Datasheet HTML 7Page - Eaton All Rights Reserved. 166364 Datasheet HTML 8Page - Eaton All Rights Reserved. 166364 Datasheet HTML 9Page - Eaton All Rights Reserved. 166364 Datasheet HTML 10Page - Eaton All Rights Reserved. 166364 Datasheet HTML 11Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
10
Photovoltaic - Surge Protection
SPD-type T2 (Class C)
Max. Cont. Op. Volt. U
C In (
Type Designation
Article No.
Units per package
600 V DC
1000 V DC
with auxiliary switch
1000 V DC
SPPT2PA-600-2PE
132663
1 / 60
SPPT2PA-1000-2PE
132664
1 / 60
SPPT2PA-1000-2PE-AX
132666
1 / 60
For unearthed systems
600 V DC
1000 V DC
with auxiliary switch
1000 V DC
SPPT2PA-600-2+1PE
132661
1 / 40
SPPT2PA-1000-2+1PE
132662
1 / 40
SPPT2PA-1000-2+1PE-AX 132665
1 / 40
Plug-in Surge Arrester SPPT2PA for Photovoltaic application
For earthed systems
SG11309
SG11009
600 V DC
À
1000 V DC
À
1100 V DC
Á
SPPT2PA-600
132667
1
SPPT2PA-1000
132668
1
SPPT2PA-1100
132669
1
Inserts for replacement
Earthed system
Unearthed system
SPPT2PA-600-2PE
SPPT2PA-1000-2PE(-AX)
SPPT2PA-600-2+1PE
SPPT2PA-1000-2+1PE(-AX)
L-
L-
L+
V
OC ≤ Uc:
Open circuit voltage of PV-Generator shall be equal or less than maximum
continuous operating voltage of Surge Protective Device (SPD) to prevent its
damage.
V
OC . . . . . .Open circuit voltage of PV-Generator.
U
C . . . . . . .Maximum continuous operating voltage of SPD.
Attention: Even at switched off DC-Disconnector system stays under high voltage!
Before mounting ensure de-energizing and check zero-potential.
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com