Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 12 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 12 Page - Eaton All Rights Reserved.

Back Button 166364 Datasheet HTML 8Page - Eaton All Rights Reserved. 166364 Datasheet HTML 9Page - Eaton All Rights Reserved. 166364 Datasheet HTML 10Page - Eaton All Rights Reserved. 166364 Datasheet HTML 11Page - Eaton All Rights Reserved. 166364 Datasheet HTML 12Page - Eaton All Rights Reserved. 166364 Datasheet HTML 13Page - Eaton All Rights Reserved. 166364 Datasheet HTML 14Page - Eaton All Rights Reserved. 166364 Datasheet HTML 15Page - Eaton All Rights Reserved. 166364 Datasheet HTML 16Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SPD Class B+C, Lightning Current Arrester - Surge Arresters SPBT12
• Field of application
For the protection of low voltage distribution systems against transient
overvoltage caused by direct and indirect lightning stroke and switching
operations.
• Application according to IEC 60364-5-53 Clause 534
• Test class
,
in accordance with IEC 61643-1
• SPD-type
,
in accordance with EN 61643-11
• Lightning protection classes III and IV in accordance with IEC 62305
• Busbars ZV-KSBI are available for all customary applications
II
I
Technical Data
SPBT12-280...
SPBT12-NPE100
Electrical
per pole
Responding time (rate of voltage rise 5 kV/µs)
< 25 ns
< 100 ns
Voltage protection level U
p
< 1.5kV
< 1.5kV
Voltage protection level at 5 kA (8/20) µs
950 V
Maximum continuous operating voltage U
C
280 VAC
255 VAC
Temporary overvoltage test value U
T
370 VAC (5 s)
1200 VAC (200 ms)
Rated frequency
50/60 Hz
50/60 Hz
Open circuit voltage U
oc
10 kV
20 kV
Nominal discharge current (8/20) µs I
n
25 kA
100 kA
Maximum discharge current I
max
50 kA
100 kA
Imulse current I
imp (10/350) µs
Peak current
12.5 kA
100 kA
Charge Q
6.25 As
50 As
Specific energy
39.1 kJ/
Ω
2500 kJ/
Ω
Follow current interrupt rating I
fi
–100 A
r.m.s
Maximum back-up fuse
160 AgL/gG
Maximum short-circuit current
50 kA
r.m.s
Connection diagram
Mechanical
Frame size
45 mm
45 mm
Device height
80 mm
80 mm
Device width
17.5 mm
35 mm
Weight
121 g
250 g
Permitted ambient temperature
-40°C to +70°C
-40°C to +70°C
Degree of protection (built-in)
IP40
IP40
Upper and lower lift terminal capacity
4 - 25 mm2
4 - 35 mm2
Upper and lower open mouthed terminals
for busbar thickness up to
1.5 mm
1.5 mm
Tightening torque of terminal screws
2.4 - 3 Nm
2.4 - 3 Nm
Quick fastening on DIN rail according to
IEC/EN 60715
IEC/EN 60715
Accessories: busbars 16 mm2
Type ZV-KSBI ...
Type ZV-KSBI ...
Block Diagram
T1
11
Surge Protection
Dimensions (mm)
T2
Lightning current arrester - surge arrester Sets, Lightning protection classes III, IV
SPBT12-280
SPBT12-NPE100
SPBT12-
280/2
SPBT12-280/3
SPBT12-280/4
. . .SPBT12-280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com