Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 11 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 11 Page - Eaton All Rights Reserved.

Back Button 166364 Datasheet HTML 7Page - Eaton All Rights Reserved. 166364 Datasheet HTML 8Page - Eaton All Rights Reserved. 166364 Datasheet HTML 9Page - Eaton All Rights Reserved. 166364 Datasheet HTML 10Page - Eaton All Rights Reserved. 166364 Datasheet HTML 11Page - Eaton All Rights Reserved. 166364 Datasheet HTML 12Page - Eaton All Rights Reserved. 166364 Datasheet HTML 13Page - Eaton All Rights Reserved. 166364 Datasheet HTML 14Page - Eaton All Rights Reserved. 166364 Datasheet HTML 15Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
10
SPD Class B, Lightning Current Arrester SPI
• Field of application: For the protection of low voltage distribution systems
against direct lightning stroke into the overhead power supply line or exter-
nal lightning protection system (IEC 62305).
• Application according to IEC 60364-5-53 Clause 534
• Test class
in accordance with IEC 61643-1
• SPD-type
in accordance with EN 61643-1
• Capsuled version: during the discharge process, the device does not issue
any hot ionised gases. Therefore, there is no need for keeping a safety dis-
tance to flammable materials.
Technical Data
SPI-35/440
SPI-50/NPE
SPI-100/NPE
Electrical
Design
capsuled
capsuled
capsuled
Responding time t
r
< 100 ns
< 100 ns
< 100 ns
Voltage protection level U
p
1.5 kV
1.5 kV
1.5 kV
Maximum continuous operating voltage U
C
440 VAC
260 VAC
260 VA
Temporary overvoltage test value U
T (200 ms)
–
1200 VAC
1200 VAC
(5 s)
U
T = UC
––
Rated frequency
50/60 Hz
50/60 Hz
50/60 Hz
Discharge current (8/20) µs I
max/In
35 kA
50 kA
100 kA
Impulse current I
imp (10/350) µs
Peak current
35 kA
50 kA
100 kA
Charge Q
17.5 As
25 As
50 As
Specific energy
305 kJ/
Ω
625 kJ/
Ω
2500 kJ/
Ω
Insulation resistance R
ISO
>10 M
Ω
>10 M
Ω
>10 M
Ω
Follow current interrupt rating I
fi
3kA
r.m.s/260V
500A
r.m.s/260V
100A
r.m.s/260V
1.5kA
r.m.s/440V –
–
Short-circuit current strength at max. back-up fuse
25kA
r.m.s
––
Maximum back-up fuse
125 AgL
–
–
Connection diagram
Mechanical
Frame size
45 mm
45 mm
45 mm
Device height
90 mm
90 mm
90 mm
Device width
17.5 mm
17.5 mm
35 mm
Weight
174 g
178 g
320 g
Upper and lower lift terminal capacity
rigid
0.5 - 35 mm2
0.5 - 35 mm2
10 - 50 mm2
flexible
0.5 - 25 mm2
0.5 - 25 mm2
16 - 35 mm2
Tightening torque of terminal screws
4 - 4.5 Nm
4 - 4.5 Nm
6 - 8 Nm
Mounting
quick fastening on DIN rail IEC/EN 60715
Degree of protection acc. to IEC 60529 (installed)
IP20 (IP40)
Accessories: busbars
Z-GV-U/
Permitted relative air humidity
< 95%
Permitted ambient temperature
-40°C to +85°C
Dimensions (mm)
SPI-35/440, SPI-50/NPE
I
SPI-100/NPE
Installation of lightning current arresters upstream of the meter is subject to
co-ordination with the relevant power supply company.
Installation of an r.m.s.ective protection cascade (SPD classes B, C, D)
requires co-ordinated application of the respective protective devices. This is
ensured by a defined line length between protective devices. When using
lightning current arresters of type SPI in connection with surge arresters SPC
with a maximum continuous operating voltage Uc of 460 V AC, no specific
line length or decoupling coils are required.
Practical Hint
Application Example
Attention!
SPI-.../NPE should be used only as a
N-PE spark gap in a e.g. TT-system (con-
nection type 2 according to IEC 60364-5-
534 Clause 534)
Spark gap
SPI-50/NPE
SPI-100/NPE
SPI-35/440
T1
SPI-50/NPE: for protection class
III, IV according to IEC 62305
SPI-100/NPE: for protection class
I, II, III, IV according to IEC 62305
Surge Protection
SPI-35/440/3
SPI-3+1
Lightning current arrester Sets, Lightning protection classes I, II, III, IV
. . .SPI-35/440
. . .SPI-100/NPE
. . .SPB-D-125
. . . .Z-GV-U/3
. . .Z-GV-U/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com