Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 28 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 28 Page - Eaton All Rights Reserved.

Back Button 166364 Datasheet HTML 24Page - Eaton All Rights Reserved. 166364 Datasheet HTML 25Page - Eaton All Rights Reserved. 166364 Datasheet HTML 26Page - Eaton All Rights Reserved. 166364 Datasheet HTML 27Page - Eaton All Rights Reserved. 166364 Datasheet HTML 28Page - Eaton All Rights Reserved. 166364 Datasheet HTML 29Page - Eaton All Rights Reserved. 166364 Datasheet HTML 30Page - Eaton All Rights Reserved. 166364 Datasheet HTML 31Page - Eaton All Rights Reserved. 166364 Datasheet HTML 32Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
27
Surge Protection
Lead-Through Terminal for Surge Protective Devices, Class B, SPB-D-125
• The lead-through terminal permits orderly wiring of SPDs of class B.
It serves as lead-through terminal in circuits requiring vertical connections
from the upper to the lower SPD connection level.
Technical Data
Electrical
Design basically in accordance with
IEC 61643-1: 1998-02,
DIN VDE 0675 Part 6: 1989-11,
IEC 61024-1: 1990-03,
IEC 60947-7-1: 1989-10,
DIN VDE 0110-1: 1997-04
Rated voltage U
C
500 V AC/DC
Rated current I
N
125 A / 30°C
Impulse current (10/350) µs
Peak current
100 kA
Charge Q
50 As
Specific energy
2,5 MJ/
Ω
Overvoltage category
III
Mechanical
Frame size
45 mm
Device height
90 mm
Device width
17.5 mm
Mounting
quick fastening on
DIN rail IEC/EN 60715
Degree of protection, built-in
IP40
Upper and lower terminals
lift and
open-mouthed terminals
Terminal capacity
rigid
0.5 - 35 mm2
flexible
0.5 - 25 mm2
Tightening torque
of terminal screws
4-4.5 Nm
Permitted relative air humidity
< 95%
Pollution degree
2
Resistance to climatic conditions
F / DIN 40040
Creepage a. clearance distances acc. to IEC 60664-1,
DIN VDE 0110-1:1997-04
Temperature range
-40 to +85°C
Connection diagram
Dimensions (mm)
Connection type 2 according to IEC 60364-5-53 Clause 534
TT-System, TN-S-System , IT- System with Neutral
Lightning current arrester
. . . SPI-35/440
. . . SPI-100/NPE
. . . SPI-50/NPE
Lead-through terminal
. . . SPB-D-125
Busbar
. . . Z-GV-U/5
. . . Z-GV-U/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com