Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button 166364 Datasheet HTML 9Page - Eaton All Rights Reserved. 166364 Datasheet HTML 10Page - Eaton All Rights Reserved. 166364 Datasheet HTML 11Page - Eaton All Rights Reserved. 166364 Datasheet HTML 12Page - Eaton All Rights Reserved. 166364 Datasheet HTML 13Page - Eaton All Rights Reserved. 166364 Datasheet HTML 14Page - Eaton All Rights Reserved. 166364 Datasheet HTML 15Page - Eaton All Rights Reserved. 166364 Datasheet HTML 16Page - Eaton All Rights Reserved. 166364 Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
12
Surge Protection
SPD Class B+C, Lightning Current Arrester - Surge Arresters SPBT12-280
• Field of application
For the protection of low voltage distribution systems against transient
overvoltage caused by direct and indirect lightning stroke and switching
operations.
• Application according to IEC 60364-5-53 Clause 534
• Test class
,
in accordance with IEC 61643-1
• SPD-type
,
in accordance with EN 61643-11
• Lightning protection classes III and IV in accordance with IEC 62305
• Busbars ZV-KSBI are available for all customary applications
II
I
Technical Data
SPBT12-280-1+NPE
SPBT12-280-3+NPE
Electrical
per pole
Responding time (rate of voltage rise 5 kV/µs) L-N / N-PE
< 25 ns / < 100 ns
< 25 ns / < 100 ns
Voltage protection level U
p
L-N / L-PE / N-PE
< 1.5kV
< 1.5kV
Maximum continuous operating voltage U
C
L-N / N-PE
280 VAC / 255 VAC
280 VAC / 255 VAC
Temporary overvoltage test value U
T (5 s)
L-N / L-PE
348 VAC / 370 VAC
348 VAC / 370 VAC
(200 ms)
N-PE
1200 VAC
1200 VAC
Rated frequency
50/60 Hz
50/60 Hz
Open circuit voltage U
oc
10 kV
20 kV
Nominal discharge current (8/20) µs I
n
L-N / N-PE
25 kA / 100 kA
3x25 kA / 100 kA
Maximum discharge current I
max
L-N / N-PE
50 kA / 100 kA
3x50 kA / 100 kA
Imulse current I
imp (10/350) µs
Peak current
L-N / N-PE
12.5 kA / 100 kA
3x12.5 kA / 100 kA
Charge Q
50 As
50 As
Specific energy
2500 kJ/
Ω
2500 kJ/
Ω
Follow current interrupt rating I
fi
N-PE
100 A
r.m.s
100 A
r.m.s
Maximum back-up fuse
160 AgL/gG
160 AgL/gG
Maximum short-circuit current
50 kA
r.m.s
50 kA
r.m.s
Connection diagram
Mechanical
Frame size
45 mm
45 mm
Device height
80 mm
80 mm
Device width
52.5 mm
87.5 mm
Weight
375 g
626 g
Permitted ambient temperature
-40°C to +70°C
-40°C to +70°C
Degree of protection (built-in)
IP40
IP40
Upper and lower lift terminal capacity
L, N
4 - 25 mm2
4 - 25 mm2
N, PE
4 - 35 mm2
4 - 35 mm2
Upper and lower open mouthed terminals
for busbar thickness up to
1.5 mm
1.5 mm
Tightening torque of terminal screws
2.4 - 3 Nm
2.4 - 3 Nm
Quick fastening on DIN rail according to
IEC/EN 60715
IEC/EN 60715
Accessories: busbars 16 mm2
Type ZV-KSBI ...
Type ZV-KSBI ...
Block Diagram
L
N
PE
T1
Lightning current arrester - surge arrester Sets, Lightning protection classes III, IV
T2
L1
N
PE
L2
L3
SPBT12-280-1+NPE
SPBT12-280-3+NPE
. . .SPBT12-280
. . .ASAUXSC-SPM
. . .SPI-100/NPE
. . .ASLTT-63
SPBT12-280-3+NPE/BB
SPBT12-280-1+NPE-AX
SPBT12-280-3+NPE-AX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com