Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

166364 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 166364
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

166364 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  166364 Datasheet HTML 1Page - Eaton All Rights Reserved. 166364 Datasheet HTML 2Page - Eaton All Rights Reserved. 166364 Datasheet HTML 3Page - Eaton All Rights Reserved. 166364 Datasheet HTML 4Page - Eaton All Rights Reserved. 166364 Datasheet HTML 5Page - Eaton All Rights Reserved. 166364 Datasheet HTML 6Page - Eaton All Rights Reserved. 166364 Datasheet HTML 7Page - Eaton All Rights Reserved. 166364 Datasheet HTML 8Page - Eaton All Rights Reserved. 166364 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
5
SPD Class B
Impulse Current I
imp (10/350)µs
Type Designation
Article No.
Units per package
Lightning current arresters SPI
• No decoupling necessary, if arrester class C with Uc = 460 V are used for combination
35kA
L - (PE)N
50kA
N - PE
100kA
N - PE
SPI-35/440
263137
6 / 120
SPI-50/NPE
263138
2 / 120
SPI-100/NPE
263139
1 / 60
SG13005
SPI-35/440
Lightning current arrester Sets, Lightning protection classes I, II, III, IV
Description
Type Designation
Article No.
Units per package
SPD Class B, SPI
TN-C-Set
3-pole
TN-S/TT-Set
3+1-pole
SPI-35/440/3
267487
1 / 40
SPI-3+1
267488
1 / 20
SG14605
SPI-3+1
SPD Class B+C
Impulse Current I
imp (10/350)µs
Type Designation
Article No.
Units per package
Lightning current arrester - surge arrester SPBT12
12.5kA
L - (PE) N
100 kA
N-PE
SPBT12-280/1
158306
12 / 120
SPBT12-NPE100
158307
1 / 60
Lightning current arrester - surge arrester Sets, Lightning protection classes III, IV
Description
Type Designation
Article No.
Units per package
SPD Class B+C, SPBT12
Without remote indication
TN-S/TT-Set
1+1-pole
TN-S-Set
2-pole
TN-C-Set
3-pole
TN-S-Set
4-pole
TN-S/TT-Set
3+1-pole
TN-S/TT-Set
3+1-pole
SPBT12-280-1+NPE
158308
1 / 40
SPBT12-280/2
158309
1 / 60
SPBT12-280/3
158330
1 / 40
SPBT12-280/4
158331
1 / 30
SPBT12-280-3+NPE
158332
1 / 20
SPBT12-280-3+NPE/BB
158333
1
Accessories
Auxiliary switch for SPBT12-280
Busbar
ASAUXSC-SPM
131785
4 / 120
ZV-KSBI...
With remote indication
TN-S/TT-Set
1+1-pole
TN-S/TT-Set
3+1-pole
SPBT12-280-1+NPE-AX
158334
1 / 30
SPBT12-280-3+NPE-AX
158335
1
SG29612
SG27112
SPBT12-280/1
Surge Protection
SPBT12-280/3
SG10407
SPBT12-280-3+NPE-AX
Lead-through terminal for SPI
SPB-D-125
248145
2 / 120
PHASE OUT TYPE
PHASE OUT TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com