Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS950812 Datasheet HTML 1Page - Renesas Technology Corp ICS950812 Datasheet HTML 2Page - Renesas Technology Corp ICS950812 Datasheet HTML 3Page - Renesas Technology Corp ICS950812 Datasheet HTML 4Page - Renesas Technology Corp ICS950812 Datasheet HTML 5Page - Renesas Technology Corp ICS950812 Datasheet HTML 6Page - Renesas Technology Corp ICS950812 Datasheet HTML 7Page - Renesas Technology Corp ICS950812 Datasheet HTML 8Page - Renesas Technology Corp ICS950812 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
4
Frequency Select Table 2
Frequency Select Table 1
66MHz_OU
T (2:0)
66MHz_IN
FS
2
FS
1
FS
0
3V66 (4:2)
3V66 _5
0
0
0
66.66
66.66
66.66
66.66
33.33
14.318
48.008
0
0
1
100.00
66.66
66.66
66.66
33.33
14.318
48.008
0
1
0
200.00
66.66
66.66
66.66
33.33
14.318
48.008
0
1
1
133.33
66.66
66.66
66.66
33.33
14.318
48.008
1
0
0
66.66
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
100.00
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
200.00
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
1
133.33
66.66
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
0
0
0
70.00
70.00
70.00
70.00
35.00
14.318
48.008
0
0
1
105.00
70.00
70.00
70.00
35.00
14.318
48.008
0
1
0
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
0
1
1
140.00
70.00
70.00
70.00
35.00
14.318
48.008
1
0
0
70.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
105.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
1
1
1
140.00
70.00
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
5% Overclocking
0
0
0
73.32
73.32
73.32
73.32
36.66
14.318
48.008
0
0
1
110.00
73.32
73.32
73.32
36.66
14.318
48.008
0
1
0
Test/2
Test/4
Test/4
Test/4
Test/8
Test
Test/2
Test
0
1
1
146.60
73.32
73.32
73.32
36.66
14.318
48.008
1
0
0
73.32
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
0
1
110.00
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
1
1
0
Test/2
Test/4
Test/4
Test/4
Test/8
Test
Test/2
Test
1
1
1
146.60
73.32
66MHz_IN
Input
66MHz_IN/2
14.318
48.008
10% Overclocking
10% Overclocking
10% Overclocking
Standard Clocking
Standard Clocking
5% Overclocking
5% Overclocking
110
(See table 2)
111
(See table 2)
REF MHz
USB/DOT
MHz
Clocking Mode
Freq Sel
CPU MHz
3V66 MHz
FS(5:3)
PCI MHz
From
000
to
101
(See table 2)
FS
5
FS
4
FS
3
000
001
010
011
100
101
110
111
+/-0.35%, Center Spread
0 to -1.5%, Down Spread
+/-0.5%, Center Spread
+/-0.75%, Center Spread
+/-0.35%, Center Spread
10% Overclocking
Clocking Mode
No Spread (default)
or +/-0.4%
0 to -0.5%, Down Spread
0 to -1.0%, Down Spread
Standard Clocking
Standard Clocking
Standard Clocking
Standard Clocking
CPU, 3V66, 66MHz_OUT,
66MHz_IN, PCI
5% Overclocking
Freq Sel
Standard Clocking
Standard Clocking
Note: To enable spread, Byte 0 Bit 7 must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com