Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS950812 Datasheet HTML 1Page - Renesas Technology Corp ICS950812 Datasheet HTML 2Page - Renesas Technology Corp ICS950812 Datasheet HTML 3Page - Renesas Technology Corp ICS950812 Datasheet HTML 4Page - Renesas Technology Corp ICS950812 Datasheet HTML 5Page - Renesas Technology Corp ICS950812 Datasheet HTML 6Page - Renesas Technology Corp ICS950812 Datasheet HTML 7Page - Renesas Technology Corp ICS950812 Datasheet HTML 8Page - Renesas Technology Corp ICS950812 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
2
Pin Description
PIN # PIN NAME
PIN TYPE
DESCRIPTION
1
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
2
X1
IN
Crystal input, Nominally 14.318MHz.
3
X2
OUT
Crystal output, Nominally 14.318MHz
4
GND
PWR
Ground pin.
5
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
6
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
7
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
8
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
9
GND
PWR
Ground pin.
10
PCICLK0
OUT
PCI clock output.
11
**E_PCICLK1/PCICLK1
I/O
Early/Normal PCI clock output latched at power up.
12
PCICLK2
OUT
PCI clock output.
13
**E_PCICLK3/PCICLK3
I/O
Early/Normal PCI clock output latched at power up.
14
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
15
GND
PWR
Ground pin.
16
PCICLK4
OUT
PCI clock output.
17
PCICLK5
OUT
PCI clock output.
18
PCICLK6
OUT
PCI clock output.
19
VDD3V66
PWR
Power pin for the 3V66 clocks.
20
GND
PWR
Ground pin.
21
66MHZ_OUT0/3V66_2
OUT
3.3V 66.66MHz clock output selected via buffered or internal VCO.
22
66MHZ_OUT1/3V66_3
OUT
3.3V 66.66MHz clock output selected via buffered or internal VCO.
23
66MHZ_OUT2/3V66_4
OUT
3.3V 66.66MHz clock output selected via buffered or internal VCO.
24
66MHZ_IN/3V66_5
I/O
3.3V 66.66MHz clock from internal VCO, 66MHZ input to 66MHz output and
PCI.
25
*PD#
IN
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal
are stopped. The latency of the power down will not be greater than 1.8ms.
26
VDDA
PWR
3.3V power for the PLL core.
27
GND
PWR
Ground pin.
28
Vtt_PWRGD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when
latch inputs are valid and are ready to be sampled. This is an active low
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com