Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS950812 Datasheet HTML 16Page - Renesas Technology Corp ICS950812 Datasheet HTML 17Page - Renesas Technology Corp ICS950812 Datasheet HTML 18Page - Renesas Technology Corp ICS950812 Datasheet HTML 19Page - Renesas Technology Corp ICS950812 Datasheet HTML 20Page - Renesas Technology Corp ICS950812 Datasheet HTML 21Page - Renesas Technology Corp ICS950812 Datasheet HTML 22Page - Renesas Technology Corp ICS950812 Datasheet HTML 23Page - Renesas Technology Corp ICS950812 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
20
Pin #
Name
0
1
PWD
Bit 7
35
FS4
Frequency Selection
RW
Disable
Enable
X
Bit 6
33
FS5
Frequency Selection
RW
Disable
Enable
X
Bit 5
33
3V66_0/FS5**
Output control
RW
Disable
Enable
1
Bit 4
35
3V66_1/VCH_CLK/FS4**
Output control
RW
Disable
Enable
1
Bit 3
24
66MHZ_IN/3V66_5
Output control
RW
Disable
Enable
1
Bit 2
23
66MHZ_OUT2/3V66_4
Output control
RW
Disable
Enable
1
Bit 1
22
66MHZ_OUT1/3V66_3
Output control
RW
Disable
Enable
1
Bit 0
21
66MHZ_OUT0/3V66_2
Output control
RW
Disable
Enable
1
Type
Control Function
Affected Pin
BYTE
4
Bit Control
Pin #
Name
0
1
PWD
Bit 7
X
-
Unused
-
-
-
0
Bit 6
X
-
Reserved
X
-
-
0
Bit 5
X
3V66(5:2)/66MHZ_OUT(2:0)
(See table 6)
Allow control of output with
assertion of CPU_STOP#.
X
Freerun
Not
Freerun
0
Bit 4
X
3V66(1:0) (See table 7)
Allow control of output with
assertion of CPU_STOP#.
X
Freerun
Not
Freerun
0
Bit 3
RW
-
-
0
Bit 2
RW
-
-
0
Bit 1
RW
-
-
0
Bit 0
RW
-
-
0
Note:
Control Function
00 = Medium (default), 01 = Low,
11,10 =High
Type
38
48MHz_DOT Slew Control
Affected Pin
BYTE
5
Functions in Byte 5 of CK408 were intended as a test and debug byte only.
00 = Medium (default), 01 = Low,
11,10 =High
Bit Control
48MHz_USB Slew Control
39
Pin #
Name
0
1
PWD
Bit 7
X
Revision ID Bit 3
R
-
-
X
Bit 6
X
Revision ID Bit 2
R
-
-
X
Bit 5
X
Revision ID Bit 1
R
-
-
X
Bit 4
X
Revision ID Bit 0
R
-
-
X
Bit 3
X
Vendor ID Bit 3
(Reserved)
R
-
-
0
Bit 2
X
Vendor ID Bit 2
(Reserved)
R
-
-
0
Bit 1
X
Vendor ID Bit 1
(Reserved)
R
-
-
0
Bit 0
X
Vendor ID Bit 0
(Reserved)
R
-
-
1
Revision ID Value Based on
Device Revision
Control Function
Type
Bit Control
Affected Pin
BYTE
6
Pin #
Name
0
1
PWD
Bit 7
X
-
Unused
R
-
-
0
Bit 6
X
-
Unused
R
-
-
0
Bit 5
X
-
Unused
R
-
-
0
Bit 4
X
-
Unused
R
-
-
0
Bit 3
X
-
Unused
R
-
-
0
Bit 2
X
-
Unused
R
-
-
0
Bit 1
X
-
Unused
R
-
-
0
Bit 0
X
-
Unused
R
-
-
0
Type
Control Function
Bit Control
Affected Pin
BYTE
7
Pin #
Name
0
1
PWD
Bit 7
X
-
(Reserved)
X
-
-
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
0
Bit 4
X
-
(Reserved)
X
-
-
0
Bit 3
X
-
R
-
-
1
Bit 2
X
-
R
-
-
1
Bit 1
X
-
R
-
-
1
Bit 0
X
-
R
-
-
1
Note: Byte 8 is for ICS test only. Do not write as system damage may occur. Bit(3:0) contain the readback Byte count.
Bit Control
Affected Pin
Control Function
Readback Byte Count
Type
BYTE
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com