Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS950812 Datasheet HTML 5Page - Renesas Technology Corp ICS950812 Datasheet HTML 6Page - Renesas Technology Corp ICS950812 Datasheet HTML 7Page - Renesas Technology Corp ICS950812 Datasheet HTML 8Page - Renesas Technology Corp ICS950812 Datasheet HTML 9Page - Renesas Technology Corp ICS950812 Datasheet HTML 10Page - Renesas Technology Corp ICS950812 Datasheet HTML 11Page - Renesas Technology Corp ICS950812 Datasheet HTML 12Page - Renesas Technology Corp ICS950812 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—01/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
9
Electrical Characteristics - CPU (1V Select) 100MHz
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
2500
Ω
Average Period
TPERIOD
Fig. 5
10.00
10.01
10.20
ns
Output High Voltage
VOH3
0.92
1.45
Output Low Voltage
VOL3
-0.2
0.35
Rise Time
tr3
VOL = 0.41V, VOH = 0.86V (Fig. 6)
175
390
540
ps
Fall Time
tf3
VOH = 0.86V VOL = 0.41V (Fig.6)
175
305
540
ps
Duty Cycle
dt3
Fig. 5
45
51
55
%
Skew
tsk3
VT = 50%
10
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50%
40
175
ps
1Guaranteed by design, not 100% tested in production.
2 I
OWT can be varied and is selectable thru the MULTSEL pin.
V
Measured from Single Ended Waveform
Electrical Characteristics - CPU (0.7V Select) 100MHz
TA = 0 - 90°C; VDD=3.3V +/-5%; (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
Average Period
TPERIOD
Fig. 1
10.00
10.01
10.20
ns
Voltage High
VHigh
660
720
850
Voltage Low
VLow
-150
15
150
Max Voltage
Vovs
750
1150
Min VoltageVuds
-450
-2
Crossing Voltage (abs)
Vcross(abs)
Fig. 3
250
319
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges (Fig. 4)
12
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V (Fig. 3)
175
310
810
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V (Fig. 3)
175
300
810
ps
Rise Time Variation
d-tr
10
125
ps
Fall Time Variation
d-tf
10
125
ps
Duty Cycle
dt3
Measurement from differential wavefrom (Fig 1)
45
51
55
%
Skew
tsk3
VT = 50%
16
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50% (Fig. 1)
48
175
ps
1Guaranteed by design, not 100% tested in production.
2 I
OWT can be varied and is selectable thru the MULTSEL pin.
mV
Statistical measurement on single ended signal
using oscilloscope math function.
Measurement on single ended signal using
absolute value.
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com