Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICS950812 Datasheet HTML 18Page - Renesas Technology Corp ICS950812 Datasheet HTML 19Page - Renesas Technology Corp ICS950812 Datasheet HTML 20Page - Renesas Technology Corp ICS950812 Datasheet HTML 21Page - Renesas Technology Corp ICS950812 Datasheet HTML 22Page - Renesas Technology Corp ICS950812 Datasheet HTML 23Page - Renesas Technology Corp ICS950812 Datasheet HTML 24Page - Renesas Technology Corp ICS950812 Datasheet HTML 25Page - Renesas Technology Corp ICS950812 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
22
Pin #
Name
0
1
PWD
Bit 7
X
-
Spread Spectrum Bit7
RW
-
-
X
Bit 6
X
-
Spread Spectrum Bit6
RW
-
-
X
Bit 5
X
-
Spread Spectrum Bit5
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit4
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit3
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit2
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit1
RW
-
-
X
Bit 0
X
-
Spread Spectrum Bit0
RW
-
-
X
Affected Pin
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
BYTE
13
Control Function
Type
Bit Control
Pin #
Name
0
1
PWD
Bit 7
X
-
(Reserved)
RW
-
-
X
Bit 6
X
-
(Reserved)
RW
-
-
X
Bit 5
X
-
Spread Spectrum Bit13
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit12
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit11
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit10
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit9
RW
-
-
X
Bit 0
X
-
Spread Spectrum Bit8
RW
-
-
X
BYTE
14
Affected Pin
Control Function
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
Bit Control
Type
Note: See table 8 for Byte 11-14 default information
Spread Spectrum Enable Procedure
Step 1: Power-up ---- Latched inputs, FS(5:0), set frequency per Hardware default on board. SS is off.
BIOS program set IIC Byte0, bit7 to 1, SS will be enable Spread. Note that Byte 10,
bit 7 is default to 0. This allows all setup to be controlled by the Frequency Select
Tables, 1 and 2.
Step 3: To set up Linear programming and SS% adjust using Byte 11 through 14, the BIOS must
set
Byte 10, bit 7 to a 1. This will enable access to Byte 11 and 12, M/N linear programming
and Byte 13 and 14, Spread Spectrum % adjust.
Step 2: After power up, SS% can be changed to the fixed selections shown in Frequency Table 2. This
is achieved by Writing to Byte 4, bit 6/7 (FS5:4) and/or Byte 0 (FS3), The data written
to these bytes will overwrite the existing contents and switch to the desired selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com