Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950812 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS950812 Datasheet HTML 12Page - Renesas Technology Corp ICS950812 Datasheet HTML 13Page - Renesas Technology Corp ICS950812 Datasheet HTML 14Page - Renesas Technology Corp ICS950812 Datasheet HTML 15Page - Renesas Technology Corp ICS950812 Datasheet HTML 16Page - Renesas Technology Corp ICS950812 Datasheet HTML 17Page - Renesas Technology Corp ICS950812 Datasheet HTML 18Page - Renesas Technology Corp ICS950812 Datasheet HTML 19Page - Renesas Technology Corp ICS950812 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
IDTTM Frequency Generator with 200MHz Differential CPU Clocks
0542
K—03/23/16
ICS950812
Frequency Generator with 200MHz Differential CPU Clocks
16
Figure 5 - 1.0V Single Ended VCross, VOH and VOL Measurement Points
Figure 6 - 1.0V Single Ended Measurement Points for TRise, TFall
V
CROSS
Max 0.76V
V
OH
Max 1.45V
CPUCLK#
CPUCLK
V
OH
Min 0.92V
V
CROSS
Min 0.51V
V
OL
Max 0.35V
V
OL
Min -0.20V
V
OH
= 0.86V
V
CROSS
V
OL
= 0.41V
CPUCLK#
CPUCLK
T
FALL
(CPUCLK#)
T
RISE
(CPUCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com